Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-25
Figure 3-14 DRAM Out-of-Page Wait States Selection Guide
Table 3-13 DRAM Out-of-Page and Refresh Timings, Four Wait States1, 2
No.
Characteristics3
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max
157
Random read or write cycle time
tRC
5
× T
C
250.0
—
166.7
—
ns
158
RAS assertion to data valid (read)
tRAC
2.75
× T
C − 7.5
—
130.0
—
84.2
ns
159
CAS assertion to data valid (read)
tCAC
1.25
× T
C − 7.5
—
55.0
—
34.2
ns
160
Column address valid to data valid (read)
tAA
1.5
× T
C − 7.5
—
67.5
—
42.5
ns
161
CAS deassertion to data not valid (read hold
time)
tOFF
0.0
—
0.0
—
ns
162
RAS deassertion to RAS assertion
tRP
1.75
× T
C − 4.0
83.5
—
54.3
—
ns
163
RAS assertion pulse width
tRAS
3.25
× T
C − 4.0
158.5
—
104.3
—
ns
164
CAS assertion to RAS deassertion
tRSH
1.75
× T
C − 4.0
83.5
—
54.3
—
ns
Chip Frequency
(MHz)
DRAM Type
(tRAC ns)
100
80
70
50
66
80
100
4 Wait States
8 Wait States
11 Wait States
15 Wait States
Notes This figure should be use for primary selection. For exact
and detailed timings see the following tables.
60
40
120
AA0475



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com