Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-21
150 CAS assertion to data not valid (write)
tDH
2.5
× T
C − 4.0
21.0
—
ns
151 WR assertion to CAS assertion
tWCS
1.25
× T
C − 4.3
8.2
—
ns
152 Last RD assertion to RAS deassertion
tROH
3.5
× T
C − 4.0
31.0
—
ns
153 RD assertion to data valid
tGA
2.5
× T
C − 7.0
—
18.0
ns
154 RD deassertion to data not valid6
tGZ
0.0
—
ns
155 WR assertion to data active
0.75
× T
C − 0.3
7.2
—
ns
156 WR deassertion to data high impedance
0.25
× T
C
—2.5
ns
1 The number of wait states for Page mode access is specified in the DCR.
2 The refresh period is specified in the DCR.
3 The asynchronous delays specified in the expressions are valid for DSP56366.
4 All the timings are calculated for the worst case. Some of the timings are better for specific cases (e.g., t
PC equals 4 × TC for
read-after-read or write-after-write sequences).
5 BRW[1:0] (DRAM control register bits) defines the number of wait states that should be inserted in each DRAM out-of
page-access.
6 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
Table 3-12
DRAM Page Mode Timings, Four Wait States1, 2, 3
No.
Characteristics
Symbol
Expression4
Min
Max
Unit
131
Page mode cycle time for two consecutive accesses of the same
direction.
Page mode cycle time for mixed (read and write) accesses
tPC
5
× T
C
4.5
× T
C
41.7
37.5
—
—
ns
132
CAS assertion to data valid (read)
tCAC
2.75
× T
C − 7.0
—
15.9
ns
133
Column address valid to data valid (read)
tAA
3.75
× T
C − 7.0
—
24.2
ns
134
CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
ns
135
Last CAS assertion to RAS deassertion
tRSH
3.5
× T
C − 4.0
25.2
—
ns
136
Previous CAS deassertion to RAS deassertion
tRHCP
6
× T
C − 4.0
46.0
—
ns
137
CAS assertion pulse width
tCAS
2.5
× T
C − 4.0
16.8
—
ns
138
Last CAS deassertion to RAS assertion5
• BRW[1:0] = 00
• BRW[1:0] = 01
• BRW[1:0] = 10
• BRW[1:0] = 11
tCRP
2.75
× T
C − 6.0
4.25
× T
C − 6.0
5.25
× T
C − 6.0
7.25
× T
C − 6.0
—
—
37.7
54.4
—
—
—
—
ns
139
CAS deassertion pulse width
tCP
2
× T
C − 4.0
12.7
—
ns
Table 3-11
DRAM Page Mode Timings, Three Wait States1, 2, 3 (continued)
No.
Characteristics
Symbol
Expression4
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com