Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-21
2.13
JTAG/OnCE Interface
Table 2-15 JTAG/OnCE Interface
Signal
Name
Signal
Type
State during
Reset
Signal Description
TCK
Input
Input
Test Clock—TCK is a test clock input signal used to synchronize the JTAG test
logic. It has an internal pull-up resistor.
This input is 5 V tolerant.
TDI
Input
Input
Test Data Input—TDI is a test data serial input signal used for test instructions and
data. TDI is sampled on the rising edge of TCK and has an internal pull-up resistor.
This input is 5 V tolerant.
TDO
Output
Tri-stated
Test Data Output—TDO is a test data serial output signal used for test instructions
and data. TDO is tri-statable and is actively driven in the shift-IR and shift-DR
controller states. TDO changes on the falling edge of TCK.
TMS
Input
Input
Test Mode Select—TMS is an input signal used to sequence the test controller’s
state machine. TMS is sampled on the rising edge of TCK and has an internal
pull-up resistor.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com