Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-4
Freescale Semiconductor
2.4
Clock and PLL
2.5
External Memory Expansion Port (Port A)
When the DSP56366 enters a low-power standby mode (stop or wait), it releases bus mastership and
tri-states the relevant port A signals: A0–A17, D0–D23, AA0/RAS0–AA2/RAS2, RD, WR, BB, CAS.
GNDD (4)
Data Bus Ground—GNDD is an isolated ground for sections of the data bus I/O drivers. This connection
must be tied externally to all other chip ground connections. The user must provide adequate external
decoupling capacitors. There are four GNDD connections.
GNDC (2)
Bus Control Ground—GNDC is an isolated ground for the bus control I/O drivers. This connection must
be tied externally to all other chip ground connections. The user must provide adequate external
decoupling capacitors. There are two GNDC connections.
GNDH
Host Ground—GNDh is an isolated ground for the HD08 I/O drivers. This connection must be tied
externally to all other chip ground connections. The user must provide adequate external decoupling
capacitors. There is one GNDH connection.
GNDS (2)
SHI, ESAI, ESAI_1, DAX and Timer Ground—GNDS is an isolated ground for the SHI, ESAI, ESAI_1,
DAX and Timer. This connection must be tied externally to all other chip ground connections. The user
must provide adequate external decoupling capacitors. There are two GNDS connections.
Table 2-4 Clock and PLL Signals
Signal
Name
Type
State
during
Reset
Signal Description
EXTAL
Input
Input
External Clock Input—An external clock source must be connected to EXTAL in order
to supply the clock to the internal clock generator and PLL.
This input cannot tolerate 5 V.
PCAP
Input
Input
PLL Capacitor—PCAP is an input connecting an off-chip capacitor to the PLL filter.
Connect one capacitor terminal to PCAP and the other terminal to VCCP.
If the PLL is not used, PCAP may be tied to VCC, GND, or left floating.
PINIT/NMI
Input
Input
PLL Initial/Nonmaskable Interrupt—During assertion of RESET, the value of
PINIT/NMI is written into the PLL Enable (PEN) bit of the PLL control register,
determining whether the PLL is enabled or disabled. After RESET de assertion and
during normal instruction processing, the PINIT/NMI Schmitt-trigger input is a
negative-edge-triggered nonmaskable interrupt (NMI) request internally synchronized
to internal system clock.
This input cannot tolerate 5 V.
Table 2-3 Grounds (continued)
Ground Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com