Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-13
HA0
Input
I2C Slave Address 0—This signal uses a Schmitt-trigger input when configured for
the I2C mode. When configured for I2C slave mode, the HA0 signal is used to form
the slave device address. HA0 is ignored when configured for the I2C master mode.
This signal is tri-stated during hardware, software, and individual reset. Thus, there
is no need for an external pull-up in this state.
This input is 5 V tolerant.
SS
Input
Tri-stated
SPI Slave Select—This signal is an active low Schmitt-trigger input when
configured for the SPI mode. When configured for the SPI Slave mode, this signal
is used to enable the SPI slave for transfer. When configured for the SPI master
mode, this signal should be kept deasserted (pulled high). If it is asserted while
configured as SPI master, a bus error condition is flagged. If SS is deasserted, the
SHI ignores SCK clocks and keeps the MISO output signal in the high-impedance
state.
HA2
Input
I2C Slave Address 2—This signal uses a Schmitt-trigger input when configured for
the I2C mode. When configured for the I2C Slave mode, the HA2 signal is used to
form the slave device address. HA2 is ignored in the I2C master mode.
This signal is tri-stated during hardware, software, and individual reset. Thus, there
is no need for an external pull-up in this state.
This input is 5 V tolerant.
HREQ
Input or
Output
Tri-stated
Host Request—This signal is an active low Schmitt-trigger input when configured
for the master mode but an active low output when configured for the slave mode.
When configured for the slave mode, HREQ is asserted to indicate that the SHI is
ready for the next data word transfer and deasserted at the first clock pulse of the
new data word transfer. When configured for the master mode, HREQ is an input.
When asserted by the external slave device, it will trigger the start of the data word
transfer by the master. After finishing the data word transfer, the master will await
the next assertion of HREQ to proceed to the next transfer.
This signal is tri-stated during hardware, software, personal reset, or when the
HREQ1–HREQ0 bits in the HCSR are cleared. There is no need for external pull-up
in this state.
This input is 5 V tolerant.
Table 2-10 Serial Host Interface Signals (continued)
Signal
Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com