Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
5-3
•
Take special care to minimize noise levels on the VCCP and GNDP pins.
•
If multiple DSP56366 devices are on the same board, check for cross-talk or excessive spikes on
the supplies due to synchronous operation of the devices.
•RESET must be asserted when the chip is powered up. A stable EXTAL signal must be supplied
while RESET is being asserted.
•
At power-up, ensure that the voltage difference between the 5 V tolerant pins and the chip VCC
never exceeds 3.95 V.
5.3
Power Consumption Considerations
Power dissipation is a key issue in portable DSP applications. Some of the factors which affect current
consumption are described in this section. Most of the current consumed by CMOS devices is alternating
current (ac), which is charging and discharging the capacitances of the pins and internal nodes.
Current consumption is described by the following formula:
where:
C
= node/pin capacitance
V
= voltage swing
f
= frequency of node/pin toggle
The maximum internal current (ICCImax) value reflects the typical possible switching of the internal buses
on best-case operation conditions, which is not necessarily a real application case. The typical internal
current (ICCItyp) value reflects the average switching of the internal buses on typical operating conditions.
For applications that require very low current consumption, do the following:
•
Set the EBD bit when not accessing external memory.
•
Minimize external memory accesses and use internal memory accesses.
•
Minimize the number of pins that are switching.
•
Minimize the capacitive load on the pins.
•
Connect the unused inputs to pull-up or pull-down resistors.
•
Disable unused peripherals.
One way to evaluate power consumption is to use a current per MIPS measurement methodology to
minimize specific board effects (i.e., to compensate for measured board current not caused by the DSP).
A benchmark power consumption test algorithm is listed in Appendix A. Use the test algorithm, specific
test current measurements, and the following equation to derive the current per MIPS value.
Example 1. Current Consumption
For a Port A address pin loaded with 50 pF capacitance, operating at 3.3 V, and with a 120
MHz clock, toggling at its maximum possible rate (60 MHz), the current consumption is
IC V
×
f
×
=
I50 10
12
–
3.3 60 10
6
9.9mA
=
×
×
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com