Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-20
Freescale Semiconductor
5 All the timings are calculated for the worst case. Some of the timings are better for specific cases (e.g., t
PC equals 3 × TC for
read-after-read or write-after-write sequences).
6 BRW[1:0] (DRAM Control Register bits) defines the number of wait states that should be inserted in each DRAM out-of-page
access.
7 RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is t
OFF and not tGZ.
Table 3-11
DRAM Page Mode Timings, Three Wait States1, 2, 3
No.
Characteristics
Symbol
Expression4
Min
Max
Unit
131 Page mode cycle time for two consecutive accesses of the same
direction
Page mode cycle time for mixed (read and write) accesses
tPC
2
× T
C
1.25
× T
C
40.0
35.0
—
—
ns
132 CAS assertion to data valid (read)
tCAC
2
× T
C − 7.0
—
13.0
ns
133 Column address valid to data valid (read)
tAA
3
× T
C − 7.0
—
23.0
ns
134 CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
ns
135 Last CAS assertion to RAS deassertion
tRSH
2.5
× T
C − 4.0
21.0
—
ns
136 Previous CAS deassertion to RAS deassertion
tRHCP
4.5
× T
C − 4.0
41.0
—
ns
137 CAS assertion pulse width
tCAS
2
× T
C − 4.0
16.0
—
ns
138 Last CAS deassertion to RAS assertion5
• BRW[1:0] = 00
• BRW[1:0] = 01
• BRW[1:0] = 10
• BRW[1:0] = 11
tCRP
2.25
× T
C − 6.0
3.75
× T
C − 6.0
4.75
× T
C − 6.0
6.75
× T
C − 6.0
—
—
41.5
61.5
—
—
—
—
ns
139 CAS deassertion pulse width
tCP
1.5
× T
C − 4.0
11.0
—
ns
140 Column address valid to CAS assertion
tASC
TC − 4.0
6.0
—
ns
141 CAS assertion to column address not valid
tCAH
2.5
× T
C − 4.0
21.0
—
ns
142 Last column address valid to RAS deassertion
tRAL
4
× T
C − 4.0
36.0
—
ns
143 WR deassertion to CAS assertion
tRCS
1.25
× T
C − 4.0
8.5
—
ns
144 CAS deassertion to WR assertion
tRCH
0.75
× T
C − 4.0
3.5
—
ns
145 CAS assertion to WR deassertion
tWCH
2.25
× T
C − 4.2
18.3
—
ns
146 WR assertion pulse width
tWP
3.5
× T
C − 4.5
30.5
—
ns
147 Last WR assertion to RAS deassertion
tRWL
3.75
× T
C − 4.3
33.2
—
ns
148 WR assertion to CAS deassertion
tCWL
3.25
× T
C − 4.3
28.2
—
ns
149 Data valid to CAS assertion (write)
tDS
0.5
× T
C − 4.0
1.0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com