Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-8
Freescale Semiconductor
2.6
Interrupt and Mode Control
The interrupt and mode control signals select the chip’s operating mode as it comes out of hardware reset.
After RESET is deasserted, these inputs are hardware interrupt request lines.
Table 2-8 Interrupt and Mode Control
Signal Name
Type
State
during
Reset
Signal Description
MODA/IRQA
Input
Input
Mode Select A/External Interrupt Request A—MODA/IRQA is an active-low
Schmitt-trigger input, internally synchronized to the DSP clock. MODA/IRQA selects the
initial chip operating mode during hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request input during normal instruction
processing. MODA, MODB, MODC, and MODD select one of 16 initial chip operating
modes, latched into the OMR when the RESET signal is deasserted. If the processor is
in the stop standby state and the MODA/IRQA pin is pulled to GND, the processor will
exit the stop state.
This input is 5 V tolerant.
MODB/IRQB
Input
Input
Mode Select B/External Interrupt Request B—MODB/IRQB is an active-low
Schmitt-trigger input, internally synchronized to the DSP clock. MODB/IRQB selects the
initial chip operating mode during hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request input during normal instruction
processing. MODA, MODB, MODC, and MODD select one of 16 initial chip operating
modes, latched into OMR when the RESET signal is deasserted.
This input is 5 V tolerant.
MODC/IRQC
Input
Input
Mode Select C/External Interrupt Request C—MODC/IRQC is an active-low
Schmitt-trigger input, internally synchronized to the DSP clock. MODC/IRQC selects the
initial chip operating mode during hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request input during normal instruction
processing. MODA, MODB, MODC, and MODD select one of 16 initial chip operating
modes, latched into OMR when the RESET signal is deasserted.
This input is 5 V tolerant.
MODD/IRQD
Input
Input
Mode Select D/External Interrupt Request D—MODD/IRQD is an active-low
Schmitt-trigger input, internally synchronized to the DSP clock. MODD/IRQD selects the
initial chip operating mode during hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request input during normal instruction
processing. MODA, MODB, MODC, and MODD select one of 16 initial chip operating
modes, latched into OMR when the RESET signal is deasserted.
This input is 5 V tolerant.
RESET
Input
Input
Reset—RESET is an active-low, Schmitt-trigger input. When asserted, the chip is placed
in the Reset state and the internal phase generator is reset. The Schmitt-trigger input
allows a slowly rising input (such as a capacitor charging) to reset the chip reliably. When
the RESET signal is deasserted, the initial chip operating mode is latched from the
MODA, MODB, MODC, and MODD inputs. The RESET signal must be asserted during
power up. A stable EXTAL signal must be supplied while RESET is being asserted.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com