Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-2
Freescale Semiconductor
3.3
Thermal Characteristics
Operating temperature range
TJ
−40 to +110
°C
Storage temperature
TSTG
−55 to +125
°C
1 GND = 0 V, V
CC = 3.3 V ± 0.16 V, TJ = –40°C to +110°C, CL = 50 pF
2 Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the maximum rating may affect device reliability or cause permanent damage to the device.
3 CAUTION: All “5 V Tolerant” input voltages must not be more than 3.95 V greater than the supply voltage; this restriction
applies to “power on”, as well as during normal operation. In any case, the input voltages cannot be more than 5.75 V. “5 V
Tolerant” inputs are inputs that tolerate 5 V.
Table 3-2 Thermal Characteristics
Characteristic
Symbol
LQFP Value
Unit
Junction-to-ambient thermal resistance1, 2 Natural Convection
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
RθJA or θJA
37
°C/W
Junction-to-case thermal resistance3
3 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
RθJC or θJC
7
°C/W
Thermal characterization parameter4 Natural Convection
4 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is
written as Psi-JT.
Ψ
JT
2.0
°C/W
Table 3-1 Maximum Ratings (continued)
Rating1
Symbol
Value1, 2
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com