Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-12
Freescale Semiconductor
101
Address and AA valid to WR assertion
tAS
0.25
× T
C − 2.0
[WS = 1]
0.1
—
ns
1.25
× T
C − 2.0
[WS
≥ 4]
8.4
—
ns
102
WR assertion pulse width
tWP
1.5
× T
C − 4.0 [WS = 1]
8.5
—
ns
All frequencies:
WS
× T
C − 4.0
[2
≤ WS ≤ 3]
12.7
—
ns
(WS
− 0.5) × T
C − 4.0
[WS
≥ 4]
25.2
—
ns
103
WR deassertion to address not valid
tWR
0.25
× T
C − 2.0
[1
≤ WS ≤ 3]
0.1
—
ns
1.25
× T
C − 2.0
[4
≤ WS ≤ 7]
8.4
—
ns
2.25
× T
C − 2.0
[WS
≥ 8]
16.7
—
ns
All frequencies:
1.25
× T
C − 4.0
[4
≤ WS ≤ 7]
6.4
—
ns
2.25
× T
C − 4.0
[WS
≥ 8]
14.7
—
ns
104
Address and AA valid to input data valid
tAA, tAC
(WS + 0.75)
× T
C − 7.0
[WS
≥ 1]
—7.6
ns
105
RD assertion to input data valid
tOE
(WS + 0.25)
× T
C − 7.0
[WS
≥ 1]
—3.4
ns
106
RD deassertion to data not valid (data hold time)
tOHZ
0.0
—
ns
107
Address valid to WR deassertion3
tAW
(WS + 0.75)
× T
C − 4.0
[WS
≥ 1]
10.6
—
ns
108
Data valid to WR deassertion (data setup time)
tDS (tDW)(WS − 0.25) × TC − 3.0
[WS
≥ 1]
3.2
—
ns
Table 3-8 SRAM Read and Write Accesses1 (continued)
No.
Characteristics
Symbol
Expression2
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com