Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-14
Freescale Semiconductor
2.9
Enhanced Serial Audio Interface
Table 2-11 Enhanced Serial Audio Interface Signals
Signal
Name
Signal Type
State during
Reset
Signal Description
HCKR
Input or output
GPIO
disconnected
High Frequency Clock for Receiver—When programmed as an input, this
signal provides a high frequency clock source for the ESAI receiver as an
alternate to the DSP core clock. When programmed as an output, this signal
can serve as a high-frequency sample clock (e.g., for external digital to analog
converters [DACs]) or as an additional system clock.
PC2
Input, output, or
disconnected
GPIO
disconnected
Port C 2—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
HCKT
Input or output
GPIO
disconnected
High Frequency Clock for Transmitter—When programmed as an input,
this signal provides a high frequency clock source for the ESAI transmitter as
an alternate to the DSP core clock. When programmed as an output, this
signal can serve as a high frequency sample clock (e.g., for external DACs)
or as an additional system clock.
PC5
Input, output, or
disconnected
GPIO
disconnected
Port C 5—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
FSR
Input or output
GPIO
disconnected
Frame Sync for Receiver—This is the receiver frame sync input/output
signal. In the asynchronous mode (SYN=0), the FSR pin operates as the
frame sync input or output used by all the enabled receivers. In the
synchronous mode (SYN=1), it operates as either the serial flag 1 pin
(TEBE=0), or as the transmitter external buffer enable control (TEBE=1,
RFSD=1).
When this pin is configured as serial flag pin, its direction is determined by the
RFSD bit in the RCCR register. When configured as the output flag OF1, this
pin will reflect the value of the OF1 bit in the SAICR register, and the data in
the OF1 bit will show up at the pin synchronized to the frame sync in normal
mode or the slot in network mode. When configured as the input flag IF1, the
data value at the pin will be stored in the IF1 bit in the SAISR register,
synchronized by the frame sync in normal mode or the slot in network mode.
PC1
Input, output, or
disconnected
GPIO
disconnected
Port C 1—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com