Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-3
3.4
DC Electrical Characteristics
Table 3-3 DC Electrical Characteristics1
1 V
CC = 3.3 V ± .16 V; TJ = – 40°C to +110°C, CL = 50 pF
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
3.14
3.3
3.46
V
Input high voltage
• D(0:23), BG, BB, TA, ESAI_1(except SDO4_1)
•MOD2/IRQ2, RESET, PINIT/NMI and all
JTAG/ESAI/Timer/HDI08/DAX/ESAI_1(only SDO4_1)/SHI(SPI
mode)
•SHI(I2C mode)
• EXTAL3
2 Refers to MODA/IRQA, MODB/IRQB, MODC/IRQC,and MODD/IRQD pins.
3 Driving EXTAL to the low V
IHX or the high VILX value may cause additional power consumption (DC current). To minimize
power consumption, the minimum VIHX should be no lower than 0.9 × VCC and the maximum VILX should be no higher than
0.1
× V
CC.
VIH
VIHP
VIHP
VIHX
2.0
2.0
1.5
0.8
× V
CC
—
—
—
—
VCC + 3.95
VCC + 3.95
VCC
V
Input low voltage
• D(0:23), BG, BB, TA, ESAI_1(except SDO4_1)
•MOD2/IRQ2, RESET, PINIT/NMI and all
JTAG/ESAI/Timer/HDI08/DAX/ESAI_1(only SDO4_1)/SHI(SPI
mode)
•SHI(I2C mode)
• EXTAL3
VIL
VILP
VILP
VILX
–0.3
–0.3
–0.3
–0.3
—
—
—
—
0.8
0.8
0.3 x VCC
0.2 x VCC
V
Input leakage current
IIN
–10
—
10
μA
High impedance (off-state) input current (@ 2.4 V / 0.4 V)
ITSI
–10
—
10
μA
Output high voltage
•TTL (IOH = –0.4 mA)
4,5
• CMOS (IOH = –10 μA)
4
4 Periodically sampled and not 100% tested.
5 This characteristic does not apply to PCAP.
VOH
VOH
2.4
VCC – 0.01
—
—
—
—
V
Output low voltage
•TTL (IOL = 3.0 mA, open-drain pins IOL = 6.7 mA)
4,5
• CMOS (IOL = 10 μA)
4
VOL
VOL
—
—
—
—
0.4
0.01
V
Internal supply current6 at internal clock of 120MHz
• In Normal mode
• In Wait mode
• In Stop mode7
ICCI
ICCW
ICCS
—
—
—
116
7.3
1
200
25
10
mA
PLL supply current
—
1
2.5
mA
Input capacitance4
CIN
—
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com