Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366P Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56366P
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366P Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56366P Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56366P Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-6
Freescale Semiconductor
3.8
Phase Lock Loop (PLL) Characteristics
3.9
Reset, Stop, Mode Select, and Interrupt Timing
4
EXTAL cycle time2
• With PLL disabled
• With PLL enabled
ETC
8.33 ns
8.33 ns
∞
273.1
μs
7
Instruction cycle time = ICYC = TC
4, 2
• With PLL disabled
• With PLL enabled
ICYC
16.66 ns
8.33 ns
∞
8.53
μs
1 Measured at 50% of the input transition.
2 The maximum value for PLL enabled is given for minimum V
CO and maximum MF.
3 The indicated duty cycle is for the specified maximum frequency for which a part is rated. The minimum clock high or low time
required for correct operation, however, remains the same at lower operating frequencies; therefore, when a lower clock
frequency is used, the signal symmetry may vary from the specified duty cycle as long as the minimum high time and low time
requirements are met.
4 The maximum value for PLL enabled is given for minimum VCO and maximum DF.
Table 3-6 PLL Characteristics
Characteristics
Min
Max
Unit
VCO frequency when PLL enabled (MF × Ef × 2/PDF)
30
240
MHz
PLL external capacitor (PCAP pin to VCCP) (CPCAP)
1
•
@ MF
≤ 4
• @ MF > 4
1 CPCAP is the value of the PLL capacitor (connected between the PCAP pin and VCCP). The recommended value in pF
for CPCAP can be computed from one of the following equations:
(MF x 680)-120, for MF ≤ 4 or MF x 1100, for MF > 4.
(MF
× 580) − 100
MF
× 830
(MF
× 780) − 140
MF
× 1470
pF
Table 3-7 Reset, Stop, Mode Select, and Interrupt Timing1
No.
Characteristics
Expression
Min
Max
Unit
8
Delay from RESET assertion to all pins at reset value2
—
—
26.0
ns
9
Required RESET duration3
• Power on, external clock generator, PLL disabled
• Power on, external clock generator, PLL enabled
• During normal operation
50
× ET
C
1000
× ET
C
2.5
× T
C
416.7
8.3
20.8
—
—
—
ns
μs
ns
10
Delay from asynchronous RESET deassertion to first
external address output (internal reset deassertion)4
•Minimum
• Maximum
3.25
× T
C + 2.0
20.25 TC + 7.50
29.1
—
—
176.2
ns
ns
13
Mode select setup time
30.0
—
ns
Table 3-5 Clock Operation (continued)
No.
Characteristics
Symbol
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com