Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 23 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 23 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 19Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 20Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 21Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 22Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 23Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 24Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 25Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 26Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 27Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
SPRD (086h) - Serial Port Receive Data Register.
Data received over the serial port are stored in this register until read. The data are received initially by
the receive shift register (no software access) permitting data to be received while the previous data are
being read.
The RDR bit (Receive Data Ready) in the serial port status register indicates the status of the SPRD
register. Setting the RDR bit 1 indicates that there is valid data in the receive register.
The value of the SPRD register is undefined at reset.
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
Reserved
RDATA
Reserved (bits 15-8) – Reserved.
RDATA [7:0] (bits 7-0) – Holds valid data while the RDR bit of the status register is set.
SPTD (084h) - Serial Port Transmit Data Register.
Data is written to this register by software, with the values to be transmitted by the serial port. Double
buffering of the transmitter allows for the transmission of data from the transmit shift register (no
software access), while the next data are written into the transmit register.
The THRE bit in the Serial Port Status register indicates whether there is valid data in the SPDT register.
The THRE bit must be a 1 before writing data to this register to prevent overwriting valid data that is
already in the SPDT register.
The value of the SPTD register is undefined at reset.
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
Reserved
TDATA
Reserved (bits 15-8) – Reserved.
TDATA [7:0] (bits 7-0) – Holds the data to be transmitted.
SPSTS (082h) – Serial Port STatuS Register.
This register stores information concerning the current status of the port. The status bits are described
below.
The value of the SPSTS register is undefined at reset.
15
14
13
12 11 10 9
8
7
6
5
4
3
2
1
0
Reserved
TEMT THRE RDR BRKI
FER
PER OER
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com