Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 90 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 90 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 86Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 87Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 88Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 89Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 90Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 91Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 92Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 93Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 94Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Absolute Maximum Ratings
Storage Temperature
-65
%C to +125%C
Voltage on any pin with respect to ground -0.5 V to VCC +0.5 V
Operating Range
Industrial (TA)
-40
%C to +85%C
TA = ambient temperature
DC Characteristics Over Commercial Operating Ranges
Preliminary
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VIL
Input Low Voltage (Except X1)
-0.5
0.8
V
VIL1
Clock Input Low Voltage (X1)
-0.5
0.8
V
VIH
Input High Voltage (Except res_n and X1)
2.0
VCC + 0.5
V
VIH1
Input High Voltage (res_n)
2.4
VCC + 0.5
V
VIH1
Clock Input High Voltage (X1)
VCC - 0.8
VCC + 0.5
V
VOL
Output Low Voltages
(1)
IOL = 2.5 mA (s2_n -s0_n)
0.45
V
IOL = 2.0 mA (other)
0.45
V
VOH
Output High Voltages
IOH = -2.4 mA @ 2.4 V
2.4
VCC + 0.5
V
IOH = -200
&A @ VCC
0.5
VCC - 0.5
VCC
V
ICC
Power Supply Current @ 0
%C
VCC = 5.5 V
(2)
5.9
mA/MHz
ILI
Input Leakage Current @ 0.5 MHz
0.45 V
' VIN ' VCC
(10
&A
ILO
Output Leakage Current @ 0.5 MHz
0.45 V
' VOUT ' VCC(3)
(10
&A
VCLO
Clock Output Low
ICLO = 4.0 mA
0.45
V
VCHO
Clock Output High
ICHO = -500
&A
VCC - 0.5
V
NOTES
1. The lcs_n/once0_n, mcs3_n – mcs0_n, ucs_n/once1_n, and rd_n pins have weak internal pull-up
resistors. Loading the lcs_n/once0_n and ucs_n/once1_n pins in excess of IOH = -200 &A during
reset can cause the device to go into ONCE mode.
2. Current is measured with the device in reset with the x1 and x2 driven and all other non-power
pins open but held High or Low.
3. Testing is performed with the pins floating, either during hold or by invoking the ONCE mode.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com