Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 53 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 53 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 49Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 50Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 51Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 52Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 53Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 54Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 55Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 56Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 57Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
None of the pcs_n pins are active at reset. Both the Peripheral Chip Select (PACS) register and the MCS
and PCS Auxiliary register (MPCS) registers must be read or written to activate the pcs_n pins aws chip
selects.
pcs6_n and pcs5_n may be programmed to have 0 to 3 wait-states, whereas pcs3_n – pcs0_n may be
programmed to have these and 5, 7, 9, and 15 wait-states.
Refresh Control
The Refresh Control Unit (RCU) generates refresh bus cycles. The RCU generates a memory read
request after a programmable period of time to the bus interface unit.
The ENA bit in the Enable RCU register (EDRAM) enables refresh cycles, operating off the processor
internal clock. If the processor is in power-save mode, the RCU must be reconfigured for the new clock
rate.
If the hlda pin is asserted when a refresh request is initiated (indicating a bus hold condition), the
processor disables the hlda pin to allow a refresh cycle to be performed. The external circuit bus master
must deassert the hold signal for at least one clock period to permit the execution of the refresh cycle.
Interrupt Control
Interrupt requests originate from a variety of internal and external sources that are arranged by the internal
interrupt controller in priority order and presented one by one to the processor.
Six external interrupt sources, five maskable (int4-int0) and one nonmaskable (NMI), are connected to
the processor and six internal interrupt sources (three timers, two DMA channels, and the asynchronous
serial port that are not brought out to external pins).
The five external maskable interrupt request pins can be used as direct interrupt requests. However,
should more interrupts be needed, int3-int0 may be with an external interrupt controller of the 82C59A
type. By programming the internal interrupt controller to slave mode, an external 82C59A compatible
interrupt controller can be used as the system master. Interrupt nesting can be used in all cases that permit
interrupts of a higher priority to interrupt those of a lower priority.
When an interrupt is accepted, other interrupts are disabled, but may be re-enabled by setting the Interrupt
Enable Flag (IF), in the Processor Status Flags register, during the Interrupt Service Routine (ISR).
Setting IF permits interrupts of equal or greater priority to interrupt the currently running ISR.
Further interrupts from the same source will be blocked until the corresponding bit in the In-Service
register (INSERV) is cleared. Special Fully Nested mode is invoked for int0 and int1 by the SFNM bit in
the INT0 and INT1 control registerm, respectively, when this bit is set to 1. In this mode a new interrupt
may be generated by these sources regardless of the in-service bit. The following table shows the
priorities of the interrupts at power-on reset.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com