Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 92 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 92 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 88Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 89Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 90Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 91Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 92Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 93Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 94Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 95Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 96Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
No. Name
Description
MIN
MAX
Units
34 tWHDX
Data Hold after wr_n
tCLCL
ns
35 tWHDEX
wr_n Inactive to den_n Inactive
tCLCH
ns
41 tDSHLH
ds_n Inactive to ale Inactive
tCLCH
ns
59 tRHDX
rd_n High to Data Hold on ad Bus
0
ns
65 tAVWL
a Address Valid to wr_n Low
tCLCL +
tCHCL
ns
66 tAVRL
a Address Valid to rd_n Low
tCLCL +
tCHCL
ns
67 tCHCSV
clkoutA High to lcs_n/usc_n Valid
0
9
ns
68 tCHAV
clkoutA High to a Address Valid
0
8
ns
87 tAVBL
a Address Valid to whb_n/wlb_n Low
tCHCL -
1.5
tCHCL
ns
Refresh Timing Cycle Parameters
79 tCHRFD
clkoutA High to rfsh_n Valid
0
12
ns
82 tCLRF
clkoutA High to rfsh_n Invalid
0
12
ns
85 tRFCY
rfsh_n Cycle Time
6tCLCL
ns
86 tLCRF
lcs_n Inactive to rfsh_n Active Delay
2tCLCL
ns
clkin Timing
36 tCKIN
X1 Period
25
66
ns
37 tCLCK
X1 Low Time
7.5
ns
38 tCHCK
X1 High Time
7.5
ns
39 tCKHL
X1 Fall Time
5
ns
40 tCKLH
X1 Rise time
5
ns
clkout Timing
42 tCLCL
clkoutA Period
25
ns
43 tCLCH
clkoutA Low Time
TCLCL/2
ns
44 tCHCL
clkoutA High Time
TCLCL/2
ns
45 tCH1CH2
clkoutA Rise Time
3
ns
46 tCL2CL1
clkoutA Fall Time
3
ns
61 tLOCK
Maximum PLL Lock Time
0.5
ms
69 tCICOA
X1 to clkoutA Skew
25
ns
70 tCICOB
X1 to clkoutB Skew
35
ns
Ready & Peripheral Timing Requirements
47 tSRYCL
srdy Transition Setup Time
10
ns
48 tCLSRY
srdy Transistion Hold Time
3
ns
49 tARYCH
ardy Resolution Transition Setup Time
9
ns
50 tCLARX
ardy Active Hold Time
4
ns
51 tARYCHL
ardy Inactive Holding Time
6
ns
52 tARYLCL
ardy Setup Time
9
ns
53 tINVCH
Peripheral Setup Time
10
ns
54 tINVCL
drq Setup Time
10
ns
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com