Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 24 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 24 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 20Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 21Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 22Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 23Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 24Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 25Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 26Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 27Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 28Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Reserved (bits 15-7) – Reserved – Set to 0.
TEMT (bit 6) – Transmitter Empty. When both the transmit shift register and the transmit register are
empty, this bit is set indicating to software that it is safe to disable the transmitter.
This bit is read-only.
THRE (bit 5) – Transmit Holding Register Empty. When this bit is 1, the corresponding transmit
holding register is ready to accept data. This is a read-only bit.
RDR (bit 4) – Receive Data Ready. When this bit is 1, the respective SPRD register contains valid
data. This is a read/write bit and can be reset only by reading the corresponding Receive register.
BRKI (bit 3) –Break Interrupt. This bit indicates that a break has been received when this bit is set to
1 and causes a serial port interrupt request.
NOTE: This bit should be reset by software.
FER (bit 2) – Framing Error Detected. When the receiver samples the rxd line as low when a stop bit
is expected (line high) a framing error is generated setting this bit.
NOTE: This bit should be reset by software.
PER (bit 1) - Parity Error Detected. When a parity error is detected in either mode 1 or 3, this bit is
set.
NOTE: This bit should be reset by software.
OER (bit 0) – Overrun Error Detected. When new data overwrites valid data in the receive register
(because it hasn’t been read) an overrun error is detected setting this bit.
NOTE: This bit should be reset by software.
SPCT (080h) - Serial Port ConTrol Register.
This register controls both transmit and receive parts of the serial port.
The value of the SPCT register is 0000h at reset.
15 14 13 12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TX
IE
RX
IE
LOOP
BRK
BRK
VAL
PMODE
WLGN
STP
TMODE
RSIE
RMODE
Reserved (bits 15-12) – Reserved. Set to 0.
TXIE (bit 11) – Transmitter Ready Interrupt Enable. This bit enables the generation of an interrupt
requests whenever the transmit holding register is empty (THRE bit 1). The respective port does not
generate interrupts when this bit is 0. Interrupts continue to be generated as long as THRE and the
TXIE are 1.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com