Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 52 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 52 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 48Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 49Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 50Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 51Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 52Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 53Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 54Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 55Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 56Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Upper Memory Chip Select
The ucs_n chip-select is for the top of memory. On reset, the micro controller begins fetching and
executing instructions at memory location FFFF0h. As a result, upper memory is usually utilized for
instruction memory. To this end, ucs_n is active on reset and has a memory range of 64Kbytes (F0000h
to FFFFFh) as default along with external ready required and three wait-states automatically inserted.
The lower boundary of ucs_n is programmable to provide ranges of 64Kbytes to 512Kbytes.
Low Memory Chip Select
The lcs_n chip-select is for lower memory. As the interrupt vector table is at the bottom of memory
beginning at 00000h, this pin us usually utilized for control data memory. Unlike ucs_n, this pin is
inactive on reset, but it can be activated by any read or write to the LMCS register.
Midrange Memory Chip Selects
There are four midrange chip-selects, mcs3_n-mcs0_n, which may be used in a user-located memory
block. The base address of the memory block may be located anywhere in the 1-Mbyte memory address
space with some exceptions. The memory spaces used by the ucs_n and lcs_n chip-selects are excluded,
as are the pcs6_n, pcs5_n, and pcs3_n – pcs0_n. If the pcs_n chip-selects are mapped to I/O space then
the MCS address range can overlap the PCS address range.
Both the Midrange Memory Chip Select (MMCS) register and the MCS and PCS Auxiliary register
(MPCS) registers are used to program the four midrange chip-selects. The MPCS register is used to
configure the block size, whereas the MMCS register configures the base address, the ready condition,
and the wait states of the memory block accessed by the mcs_n pin. The chip selects (mcs3_n-mcs0_n)
are activated by performing a read or write operation of the MMCS and MPCS registers. The assertion of
the MCS outputs occurs with the same timing as the multiplexed AD address bus (ad15-ad0 or ao15-ao8
and ad7-ad0). The a19-a0 may be used for address selection, but the timing will be delayed by a half
clock cycle over the timing used for the ucs_n and lcs_n.
Peripheral Chip Selects
There are six peripheral chip-selects, pcs6_n, pcs5_n, and pcs3_n – pcs0_n, that may be used within a
user-defined memory or I/O block. The base address of this user-defined memory block can be located
anywhere within the 1-Mbyte memory address space except for the spaces associated with the ucs_n,
lcs_n, and mcs_n chip selects. Or it may be programmed to the 64Kbyte I/O space. pcs4_n is not
available.
Both the Peripheral Chip Select (PACS) register and the MCS and PCS Auxiliary register (MPCS)
registers are used to program the six peripheral chip-selects, pcs6_n, pcs5_n, and pcs3_n – pcs0_n. The
PACS register sets the base address, the ready condition, and the wait states for the pcs3_n – pcs0_n
outputs.
The MPCS register configures pcs6_n and pcs5_n pins as either chip selects or address pins a1 and a2
respectively. When these pins are chip selects the MPCS register also configures them as being active
during memory or I/O bus cycles, and their ready and wait states.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com