Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 75 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 75 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 71Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 72Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 73Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 74Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 75Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 76Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 77Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 78Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 79Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Instruction
Opcode - Hex
Clock Cycles
Flags Affected
Mnemonic
Description
byte
1
byte
2
byte
3-6
IA186
IA188
O D I
T S Z A P C
Input byte from imm port to AL
E4
ib
-
10
10
Input word from imm port to AX
E5
ib
-
10
14
Input byte from port in DX to AL
EC
-
8
8
IN
Input word from port in DX to AX
ED
-
8
12
-
-
-
-
-
-
-
-
-
Increment r/m8 by 1
FE
/0
-
3/15
3/15
Increment r/m16 by 1
FF
/0
-
3/15
3/19
INC
Increment word reg by 1
40+
rw
-
-
3
3
R -
-
-
R R R R R
Input byte from port in DX to ES :
[DI]
6C
INS
Input word from port in DX to ES :
[DI]
6D
INSB
Input byte from port in DX to ES :
[DI]
6C
INSW
Input word from port in DX to ES :
[DI]
6D
-
-
14
14
-
-
-
-
-
-
-
-
-
INT 3
Generate interrupt 3 (trap to
debug)
CC
-
-
45
45
INT
Generate type of interrupt specified
by imm8
CD
ib
-
47
47
INTO
Generate interrupt 4 if Overflow
Flag (O) is 1
CE
-
-
48, 4
48, 4
-
-
0 0 -
-
-
-
-
IRET
Interrupt return
CF
-
-
28
28
Restores value of flags reg that
was stored on the stack when
the interrupt was taken
JA
Jump short if above (C & Z = 0)
JNBE
Jump short if not below or equal
77
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JAE
Jump short if above or equal(C=0)
JNB
Jump short if not below (C=0)
JNC
Jump short if not carry (C=0)
73
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JB
Jump short if below (C=1)
JC
Jump short if carry (C=1)
JNAE
Jump short if not above or equal
(C=1)
72
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JBE
Jump short if below or equal
(C & Z = 0)
JNA
Jump short if not above
(C & Z = 0)
76
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JCXZ
Jump short if CX reg is 0
E3
cb
-
15,5
15,5
-
-
-
-
-
-
-
-
-
JE
Jump short if equal (Z=1)
JZ
Jump short if 0 (Z=1)
74
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com