Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 26 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 26 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 22Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 23Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 24Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 25Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 26Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 27Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 28Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 29Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 30Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
RMODE (bit 0) – Receive Mode. The receive section of the serial port is enabled when this bit is 1 and
disabled when this bit is 0. This bit is 0 at reset.
PDATA1 (07ah) - PIO DATA Registers.
PDATA0 (074h),
When a PIO pin is configured as an output the value in the corresponding PIO data register bit is driven
onto the pin. On the other hand, if the PIO pin is configured as an input, the value on the pin is input into
the corresponding bit of the PIO data register.
The following table lists the default states for the PIO pins.
PIO Pin Assignments
PIO
Number
Associated Pin Name
Power-On Reset
Status
0
tmrin1
Input with pull-up
1
tmrout1
Input with pull-down
2
pcs6/A2
Input with pull-up
3
pcs5/A1
Input with pull-up
4
dt/r_n
Normal operation(c)
5
den_n/ds_n
Normal operation(c)
6
srdy
Normal operation(d)
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com