Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 48 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 48 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 44Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 45Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 46Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 47Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 48Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 49Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 50Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 51Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 52Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
(PB = 1). This bit is reset to 0 when the SDEN output is not active (DE1-DE0 in the SSC register are
00h).
DR/DT (bit 1) – Data Receive/Transmit Complete. This bit is set to a 1 when the transmission of data
bit 7 is completed (SCLK rising edge) during a transmit or receive operation. This bit is reset by a
read of the SSR register, when either the SSD0 or SSD1 register is written, when the SSS register is
read (unless the SSI completes an operation and sets the bit in the same cycle), or when both SDEN0
and SDEN1 become inactive.
PB (bit 0) SSI Port busy. This bit indicates that a data transmit or receive is occurring when it is set
to 1. When set to 0 it indicates that the port is ready to transmit or receive data.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com