Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 36 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 36 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 32Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 33Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 34Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 35Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 36Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 37Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 38Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 39Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 40Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
C (bit 5) – Cascade Mode. This bit enables cascade mode for int0 or int1 when set to 1.
LTM (bit 4) – Level-Triggered Mode. The int0 or int1 interrupt may be edge or level triggered
depending on the value of the bit. If LTM is 1, int0 or int1 is an active high level-sensitive interrupt.
If LTM is 0, int0 or int1 is a rising edge triggered interrupt. The interrupt int0 or int1 must remain
active (high) until acknowledged.
MSK (bit 3) – Mask. The int0 or int1 signal can cause an interrupt if the MSK bit is 0. The int0 or
int1 signal cannot cause an interrupt if the MSK bit is 1. The Interrupt Mask Register has a duplicate
of this bit.
PR2-PR0 (bit 2-0) – Priority. These bits define the priority of the serial port interrupt int0 or int1 in
relation to other interrupt signals. The interrupt priority is the lowest at 7 at reset. The values of PR2
– PR0 are shown in the above table (Priority Level).
TCUCON (032h) - Timer Control Unit Interrupt CONtrol Register.
Master Mode
The three timers have their interrupts assigned to types 08h, 12h, and 13h and are configured by this
register.
The value of this register is 000Fh at reset.
15
14
13
12
11
10
9
8
7
6
5 4
3
2
1
0
Reserved
MSK
PR2-PR0
Reserved (bits 15-4) – Set to 0.
MSK (bit 3) – Interrupt Mask. An interrupt source may cause an interrupt if the MSK bit is 0. The
interrupt source cannot cause an interrupt if the MSK bit is 1. The Interrupt Mask Register has a
duplicate of this bit.
PR2-PR0 (bit 2-0) – Priority. These bits define the priority of the serial port interrupt in relation to
other interrupt signals. The interrupt priority is the lowest at 7 at reset. The values of PR2 – PR0 are
shown in the above table (Priority Level).
T2INTCON (03ah) - Timer INTerrupt CONtrol Register.
T1INTCON (038h)
T0INTCON (032h)
Slave Mode
The three timers, Timer2, Timer1, and Timer0, each have an interrupt control register, whereas in master
mode all three are masked and prioritized in one register (TCUCON).
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com