Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 73 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 73 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 69Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 70Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 71Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 72Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 73Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 74Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 75Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 76Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 77Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Instruction
Opcode - Hex
Clock Cycles
Flags Affected
Mnemonic
Description
byte
1
byte
2
byte
3-6
IA186
IA188
O D I
T S Z A P C
BOUND
Check array index against bounds
62
/r
-
33-35
33-35
-
-
-
-
-
-
-
-
-
Call near, disp relative to next
instruction
E8
cw
-
15
19
Call near, reg indirect mem
FF
/2
-
13/19
17/27
Call far to full address given
9A
cd
-
23
31
CALL
-
-
Call far to address at m16:16 word
FF
/3
-
38
54
-
-
-
-
-
-
-
CBW
Convert byte integer to word
98
-
-
2
2
-
-
-
-
-
-
-
-
-
Clear carry flag
F8
-
-
2
2
-
-
-
-
-
-
-
-
-
CLC
CLD
Clear direction flag
FC
-
-
2
2
-
0 -
-
-
-
-
-
-
CLI
Clear interrupt-enable flag
FA
-
-
2
2
-
-
0 -
-
-
-
-
-
CMC
Complement carry flag
F5
-
-
2
2
-
-
-
-
-
-
-
-
R
Compare imm8 to AL
3C
ib
3
3
Compare imm16 to AX
3D
iw
-
4
4
Compare imm8 to r/m8
80
/7
ib
3/10
3/10
Compare imm16 to r/m16
81
/7
iw
3/10
3/14
Compare sign-extended imm8 to
r/m16
83
/7
ib
3/10
3/14
Compare byte reg to r/m8
38
/r
3/10
3/10
Compare word reg to r/m16
39
/r
-
3/10
3/14
Compare r/m8 to byte reg
3A
/r
-
3/10
3/10
CMP
R -
-
-
R R R R R
Compare r/m16 to word reg
3B
/r
-
3/10
3/14
Compare byte ES: [DI] to byte
segment: [SI]
A6
-
-
22
22
CMPS
Compare word ES: [DI] to word
segment: [SI]
A7
-
-
22
26
R -
-
-
R R R R R
CMPSB
Compare byte ES: [DI] to byte DS:
[SI]
A6
-
-
22
22
R -
-
-
R R R R R
CMPSW
Compare word ES: [DI] to word DS:
[SI]
A7
-
-
22
26
R -
-
-
R R R R R
CS
CS segment reg override prefix
2E
-
-
-
-
-
-
-
-
-
-
-
-
-
CWD
Convert word integer to double word
99
-
-
4
4
-
-
-
-
-
-
-
-
-
DAA
Decimal adjust AL after addition
27
-
-
4
4
U -
-
-
R R R R R
DAS
Decimal adjust AL after subtraction
2F
-
-
4
4
U -
-
-
R R R R R
Subtract 1 from r/m8
FE
/1
-
3/15
3/15
Subtract 1 from r/m16
FF
/1
-
3/15
3/19
DEC
Subtract 1 from word reg
48+
rw
3
3
R -
-
-
R R R R R
DIV
Divide unsigned numbers
F6
mod
110
r/m
-
29/35
29/35
U -
-
-
U U U U U
DS
DS segment override prefix
3E
-
-
-
-
-
-
-
-
-
-
-
-
-
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com