Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 29 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 29 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 25Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 26Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 27Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 28Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 29Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 30Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 31Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 32Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 33Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
PDIR0
The value of the PDIR0 register is FC0Fh at reset.
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
PDIR (15 – 0)
PDIR1
The value of the PDIR1 register is FFFFh at reset.
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
PDIR (31 – 16)
PDIR [15:0] (bits 15-0) – PIO Direction 0 Bits. For each bit, if the value is 1, the pin is configured
as an input and as an output if the value is 0. The values of these bits correspond to those in the PIO
data registers and PIO Mode registers.
PDIR [31:16] (bits 15-0) – PIO Direction 1 Bits. For each bit, if the value is 1, the pin is configured
as an input and as an output if the value is 0. The values of these bits correspond to those in the PIO
data registers and PIO Mode registers.
PIOMODE1 (076h) - PIO MODE Registers.
PIOMODE0 (070h)
Each PIO pin is configured as an input or an output by the corresponding bit in the PIO direction register.
The bit number of PMODE corresponds to the PIO number.
See the table PIO Mode and PIO Direction Settings in PDIR description above.
PIOMODE0
The value of the PIOMODE0 register is 0000h at reset.
15
14
13
12
11
10
9
8
7
6
5
4 3
2
1
0
PMODE (15 – 0)
PIOMODE1
The value of the PIOMODE1 register is 0000h at reset.
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
PMODE (31 – 16)
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com