Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 40 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 40 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 36Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 37Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 38Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 39Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 40Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 41Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 42Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 43Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 44Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Slave Mode
This is a read-only register and such a read results in the status of the interrupt request bits presented to
the interrupt controller. The status of these bits is available when this register is read.
When an internal interrupt request (D1, D0, TMR2, TMR1, or TMR0) occurs, the respective bit is set to 1.
The internally generated interrupt acknowledge resets these bits.
The REQST register contains 0000h on reset.
15
14
13
12 11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TMR2 TMR1 D1 D0 Res TMR0
Reserved (bits 15 – 6)
TMR2 (bit 5) Interrupt Requests. Setting this bit to 1 indicates that timer 2 has a pending interrupt.
TMR1 (bit 4) Interrupt Requests. Setting this bit to 1 indicates that timer 1 has a pending interrupt.
D1:D0 (bits 3:2) DMA Channel Interrupt Request. Setting either bit to 1 indicates that the respective
DMA channel has a pending interrupt.
Reserved (bit 1)
TMR0 (bit 0) – Timer0 Interrupt Request. Setting this bit to 1 indicates that timer 0 has a pending
interrupt.
INSERV (02ch) – IN-SERVice Register.
Master Mode
The interrupt controller sets the bits in this register when the interrupt is taken. Writing the corresponding
interrupt type to the End-of-Interrupt (EOI) register clears each of these bits.
When one of these bits is set, an interrupt request will not be generated by the microcontroller for the
respective source. This prevents an interrupt from interrupting itself if interrupts are enabled in the ISR.
This restriction is bypassed in fully Special Fully nested mode for the INT0 and INT1 sources.
The INSERV register contains 0000h on reset
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SPI WD I4 I3 I2 I1 IO D1 D0 Res TMR
Reserved (bits 15 – 11)
SPI (bit 10) – Serial Port Interrupt Request. This is the serial port 0 interrupt state.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com