Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 62 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 62 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 58Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 59Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 60Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 61Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 62Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 63Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 64Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 65Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 66Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Holding aden_n low during power-on reset, both the address and data are driven onto the ad bus
independently of the DA bit setting. This pin is normally sampled one clock cycle after the rising edge of
res_n.
clkouta – Clock Output A (synchronous output)
This pin is the internal clock output to the system. Bits 9, 8, and 2-0 of the Power-Save Control register
(PDCON) control the output of this pin, which may be tristated, output the crystal input frequency (X1),
or output the power save frequency (internal processor frequency after divisor). clkouta can be used as a
full speed clock source in power-save mode. The A.C. timing specifications that are clock-related refer to
clkouta, which remains active during reset and hold conditions.
clkoutb – Clock Output B (synchronous output)
This pin is an additional clock out put to the system. Bits 11, 10, and 2-0 of the Power-Save Control
register (PDCON) control the output of this pin, which may be tristated, output the PLL frequency, or
may output the power save frequency (internal processor frequency after divisor). clkoutb remains active
during reset and hold conditions.
den_n (pio5) – Data Enable Strobe ( synchronous output with tristate)
This pin provides an output enable to an external bus data bus transmitter or receiver. This signal is
asserted during I/O, memory, and interrupt acknowledge processes and is deasserted when dt/r_n
undergoes a change of state. It is tristated for a bus hold or reset.
drq1-drq (pio12-pio13) – DMA Requests (synchronous level-sensitive inputs)
drq0 – An external device that is ready for DMA channel 1 or 0 to carry out a transfer indicates to the
microcontroller this readiness on these pins. They are level triggered, internally synchronized, not
latched, and must remain asserted until dealt with.
dt/r_n (pio4) – Data Transmit or Receive (synchronous output with tristate)
The microntroller transmits data when dt/r_n is pulled high and receives data when this pin is pulled low.
It floats during a reset or bus hold condition.
gnd – Ground
Six or seven pins, depending on package, connect the microcontroller to the system ground.
hlda – Bus Hold Acknowledge (synchronous output)
This pin is pulled high to signal the system that the microntroller has ceded control of the local bus, in
response to a high on the hold signal by an external bus master, after the microcontroller has completed
the current bus cycle. The assertion of hlda is accompanied by the tristating of den_n, rd_n, wr_n,
s2_n-s0_n, ad15-ad0, s6, a19-a0, bhe_n, whb_n, wlb_n, and dt/r_n, followed by the driving high of the
chip selects ucs_n, lcs_n, mcs3_n - mcs0_n, pcs6_n – pcs5_n, and pcs3_n – pcs0_n. The external bus
master releases control of the local bus by the deassertion of hold that in turn induces the microcontroller
to deassert the hlda. The microcontroller can take control of the bus if necessary (to execute a refresh for
example), by deasserting hlda without the bus master first deasserting hold. This requires that the
external bus master be able to deassert hold to permit the microcontroller to access the bus.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com