Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 50 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 50 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 46Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 47Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 48Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 49Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 50Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 51Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 52Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 53Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 54Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Power-Save Mode
The operation of the CPU and peripherals operate at a slower clock frequency when in power save mode
reducing power consumption and thermal dissipation. Should an interrupt occur, the microcontroller
returns to its normal operating frequency automatically on the internal clock’s next rising edge in t3. Any
clock dependent devices should be reprogrammed for the changed in frequency during the power-save
mode period.
Initialization and Reset
res_n (Reset), the highest priority interrupt, must be held low for 1mS during power-up to initialize the
microcontroller correctly. This operation makes the device cease all instruction execution and local bus
activity. The microcontoller begins instruction execution at physical address FFFF0h when res_n
becomes inactive and after an internal processing interval with ucs_n asserted and three wait states. Reset
also sets up certain registers to predetermined values and resets the Watchdog timer.
Reset Configuration Register
The data on the address/data bus (ad15 – ad0 for the Am186EM and ao15 – ao8 and ad7 – ad0 for the
Am188EM) are written into the Reset Configuration register when reset is low. This data is system
dependent and is held in the Reset Configuration register after Reset is de-asserted. This configuration
data may be placed on the address/data bus by using weak external pull-up and pull-down resistors or
applied to the bus by an external driver, as the processor does not drive the bus during reset. It is a
method of supplying the software with some initial data after a reset; for example, option jumper
positions.
Chip Selects
Chip select generation is programmable for memories and peripherals. Programming is also available to
produce ready and wait-state generation plus latched address bits a1 and a2. For all memory and I/O
cycles, the chip-select lines are active within their programmed areas, regardless of whether they are
generated by the internal DMA unit or the CPU.
There are six chip selects outputs for memories and a further six for peripherals whether in memory or I/O
space. The memory chip-selects are able to address three memory ranges, whereas the peripheral chip-
selects are used to address 256-byte blocks that are offset from a programmable base address. Writing to
a chip-select register enables the related logic even in the event that the pin in question has another
function, as for example in the case that the pin is programmed to be a PIO.
Chip Select Timing
For normal timing, the ucs_n and lcs_n outputs are asserted with the non-multiplexed address bus.
Ready and Wait-State Programming
Each of the memory or peripheral chip-select lines can have a ready signal programmed that can be the
ardy or srdy signal. The chip-select control registers (UMCS, LMCS, MMCS, PACS, and MPCS) have
a single bit that selects if the external ready signal is to be used or not (R2, bit 2). R1 & R0 (bits 1-0) in
these registers control the number of wait-states that are inserted during each access to a memory or
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com