Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 77 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 77 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 73Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 74Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 75Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 76Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 77Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 78Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 79Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 80Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 81Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Instruction
Opcode - Hex
Clock Cycles
Flags Affected
Mnemonic
Description
byte
1
byte
2
byte
3-6
IA186
IA188
O D I
T S Z A P C
JG
Jump short if greater (Z & S = O)
JNLE
Jump short if not less or equal
(Z & S = O)
7F
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JGE
Jump short if greater or equal
(S=O)
JNL
Jump short if not less (S = O)
7D
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JLE
Jump short if less or equal
(Z & S = O)
JNG
Jump short if not greater
(Z & S = O)
7E
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
Jump short direct, disp relative to
next instruction
EB
cb
-
14
14
Jump near direct, disp relative to
next instruction
E9
cw
-
14
14
Jump near indirect
FF
/4
-
11/17
11/21
Jump far direct to doubleword imm
address
EA
cd
-
14
14
JMP
Jump m16: 16 indirect and far
FF
/5
-
26
34
-
-
-
-
-
-
-
-
-
JNE
Jump short if not equal (Z=0)
JNZ
Jump short if not zero (Z=0)
75
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JNO
Jump short if not overflow (O=1)
71
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JNP
Jump short if not parity (P=0)
JPO
Jump short if parity odd (P=0)
7B
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JNS
Jump short if not sign (S=0)
79
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JO
Jump short if overflow (O=1)
70
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JP
Jump short if parity (P=1)
JPE
Jump short if parity (P=1)
7A
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
JS
Jump short if sign (S=1)
78
cb
-
13, 4
13, 4
-
-
-
-
-
-
-
-
-
LAHF
Load AH with low byte of flags reg
9F
-
-
2
2
-
-
-
-
-
-
-
-
-
LDS
Load DS:r16 with segment :offset
from memory
C5
/r
-
18
26
-
-
-
-
-
-
-
-
-
LEA
Load offset for m16 word in 16-bit
reg
8D
/r
-
6
6
-
-
-
-
-
-
-
-
-
LEAVE
Destroy procedure stack frame
C9
-
-
8
8
-
-
-
-
-
-
-
-
-
LES
Load ES:r16 with segment offset
from memory
C4
/r
-
18
26
-
-
-
-
-
-
-
-
-
LOCK
Asserts lock_n during an
instruction execution
F0
-
-
1
1
-
-
-
-
-
-
-
-
-
Load byte segment :[SI] in AL
AC
12
12
LODS
Load word segment :[SI] in AX
AD
-
-
12
16
-
-
-
-
-
-
-
-
-
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com