Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 91 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 91 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 87Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 88Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 89Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 90Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 91Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 92Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 93Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 94Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 95Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
AC Characteristics Over Commercial Operating Ranges (40 MHz)
No. Name
Description
MIN
MAX
Units
General Timing Requirements
1 tDVCL
Data in Setup
10
ns
2 tCLDX
Data in Hold
0
ns
General Timing Responses
3 tCHSV
Status Active Delay
0
6
ns
4 tCLSH
Status Inactive Delay
0
6
ns
5 tCLAV
ad Address Valid Delay
0
12
ns
6 tCLAX
Address Hold
0
12
ns
8 tCHDX
Status Hold Time
0
ns
9 tCHLH
ale Active Delay
0
8
ns
10 tLHLL
ale Width
tCLCH-5
ns
11 tCHLL
ale Inactive Delay
0
8
ns
12 tAVLL
ad Address Valid to ale Low
tCLCH
ns
13 tLLAX
ad Address Hold from ale Inactive
tCHCL
ns
14 tAVCH
ad Address Valid to Clock High
0
ns
15 tCLAZ
ad Address Float Delay
0
12
ns
16 tCLCSV
mcs_n/pcs_n Inactive Delay
0
12
ns
17 tCXCSX
mcs_n/pcs_n Hold from Command Inactive
tCLCH
ns
18 tCHCSX
mcs_n/pcs_n Inactive Delay
0
12
ns
19 tDXDL
den_n Inactive to dt_r_n Low
0
ns
20 tCVCTV
Control Active Delay 1
0
10
ns
21 tCVDEX
den_n Inactive Delay
0
0
ns
22 tCHCTV
Control Active Delay 2
0
10
ns
23 tLHAV
ale High to Address Valid
7.5
ns
80 tCLCLX
lcs_n Inactive Delay
0
9
ns
81 tCLCSL
lcs_n Active Delay
0
9
ns
82 tCLRF
clkoutA High to rfsh_n Invalid
0
12
ns
84 tLRLL
lcs_n Precharge Pulse Width
tCLCL +
tCLCH
ns
Read Cycle Timing Responses
24 tAZRL
ad Address Float to rd_n Active
0
ns
25 tCLRL
rd_n Active Delay
0
10
ns
26 tRLRH
rd_n Pulse Width
tCLCL
ns
27 tCLRH
rd_n Inactive Delay
0
10
ns
28 tRHLH
rd_n Inactive to ale High
tCLCH
ns
29 tRHAV
rd_n Inactive to ad Address Active
tCLCL
ns
30 tCLDOX
Data Hold Time
0
ns
Write Cycle Timing Responses
31 tCVCTX
Control Inactive Delay
0
10
ns
32 tWLWH
wr_n Pulse Width
2tCLCL
ns
33 tWHLH
wr_n Inactive to ale High
tCLCH
ns
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com