Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 54 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 54 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 50Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 51Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 52Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 53Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 54Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 55Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 56Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 57Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 58Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Interrupt Types
Interrupt Name
Interrupt
Type
Vector
Table
Address
EOI
Type
Overall
Priority
Related
Instructions
Divide Error Exception (1)
00h
00h
N/A
1
DIV, IDIV
Trace Interrupt (2)
01h
04h
N/A
1A
All
Non-maskable Interrupt (NMI)
02h
08h
N/A
1B
Breakpoint Interrupt (1)
03h
0ch
N/A
1
INT3
INT0 Detected Overflow Exception
(1)
04h
10h
N/A
1
INT0
Array Bounds Exception
(1)
05h
14h
N/A
1
BOUND
Unused Opcode Exception
(1)
06h
18h
N/A
1
Undefined
Opcodes
ESC Opcode Exception
(1, 3)
07h
1ch
N/A
1
ESC Opcodes
Timer 0 Interrupt
(4, 5)
08h
20h
08h
2A
Timer 1 Interrupt
(4, 5)
12h
48h
08h
2B
Timer 2 Interrupt
(4, 5)
13h
4ch
08h
2C
Reserved
09h
24h
DMA 0 Interrupt
(5)
0ah
28h
0ah
3
DMA 1 Interrupt
(5)
0bh
2ch
0bh
4
INT0 Interrupt
0ch
30h
0ch
5
INT1 Interrupt
0dh
34h
0dh
6
INT2 Interrupt
0eh
38h
0eh
7
INT3 Interrupt
0fh
3ch
0fh
8
INT4 Interrupt
(6)
10h
40h
10h
9
Watchdog Timer Interrupt
(6)
11h
44h
11h
9
Asynchronous Serial Port Interrupt
(6)
14h
50h
14h
9
Reserved
15h – 1fh
54h – 7ch
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com