Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 58 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 58 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 54Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 55Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 56Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 57Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 58Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 59Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 60Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 61Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 62Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Asynchronous Serial Port
The asynchronous serial port employs standard industry communication protocols in its implementation
of full duplex, bi-directional data transfers. The port can be the source or destination of DMA transfers.
The following features are supported:
" Full-duplex data transfers
" 7-, 8-, or 9-bit data transfers
" Odd, even, or no parity
" One or two stop bits
" Error detection provided by Parity, Framing, or Overrun errors
" Hardware handshaking is achieved with the following selectable control signals: Clear-to-send (cts_n)
o Enable receiver request (enrx_n)
o Ready to send (rts_n)
o Ready to receive (rtr_n)
" DMA to and from the port
" The port has its own maskable interrupt
" The port has an independent baud rate generator
" Maximum baud rate is 1/32 of the processor clock
" Transmit and Receive lines are double buffered
In power-save mode the baud rate generator divide factor must be re-programmed to compensate for the
change in clock rate.
Synchronous Serial Port
The synchronous serial port allows the microcontrollers to communicate with ASICs that are required to
be programmed but have a pin shortage. The four-pin interface allows half-duplex, bi-directional data
transfer at a maximum of 20 Mbits/sec with a 40 MHz CPU clock.
The synchronous serial interface of the AI186EM/AI188EM operates as the master port in a master/slave
arrangement.
There are four pins in the synchronous serial interface for communication with the system elements.
These pins are two enables (SDEN0 and SDEN1), a clock (SCLK) and a data pin (SDATA).
In power-save mode, the baud rate generator divide factor must be re-programmed to compensate for the
change in clock rate.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com