Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 41 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 41 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 37Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 38Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 39Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 40Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 41Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 42Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 43Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 44Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 45Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
WD (bit 9) – Watchdog Timer Interrupt In-Service Request. This bit is the In-Service state of the
Watchdog Timer.
I [4:0] (bits 8 - 4) Interrupt Requests. Setting any of these bits to 1 indicates that the relevant
interrupt has a pending interrupt.
D1-D0 (bit 3:2) DMA Channel Interrupt In-Service. This bit is the In-Service state of the respective
DMA channel.
Reserved (bit 1)
TMR (bit 0) – Timer Interrupt Request. This is the timer interrupt state and is the logical OR of the
timer interrupt requests. Setting this bit to 1 indicates that the timer control unit has a pending
interrupt.
Slave Mode
This is a read-only register and such a read supplies the status of the interrupt request bits presented to the
interrupt controller.
When an internal interrupt request (D1, D0, TMR2, TMR1, and TMR0) occurs, the respective bit is set to
1. The internally generated interrupt acknowledge resets these bits.
The REQST register contains 0000h on reset.
15
14
13
12 11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TMR2 TMR1
D1
D0
Res TMR0
Reserved (bits 15 – 6)
TMR2 (bit 5) Timer2 Interrupt In Service. Timer 2 is being serviced when this bit is set to 1.
TMR1 (bit 4) Timer1 Interrupt IN Service. Timer 1 is being serviced when this bit is set to 1.
D1-D0 (bit 3:2) DMA Channel Interrupt In Service. The respective DMA channel is being serviced
when this bit is set to 1.
Reserved (bit 1)
TMR0 (bit 0) – Timer Interrupt In Service. Timer 0 is being serviced when this bit is set to 1.
PRIMSK (02ah) – PRIority MaSK Register.
Master and Slave Mode
This register contains a value that sets the minimum priority level at which an interrupt can be generated
by a maskable interrupt.
The PRIMSK register contains 0007h on reset
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com