Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 93 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 93 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 89Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 90Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 91Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 92Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 93Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 94Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 95Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 96Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 97Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
No. Name
Description
MIN
MAX
Units
Peripheral Timing Responses
55 tCLTMV
Timer Output Delay
0
12
ns
Reset & Hold Timing Requirements
57 tRESIN
res_n Setup Time
10
ns
58 tHVCL
hld Setup Time
10
ns
Reset & Hold Timing Responses
62 tCLHAV
hlda Valid Delay
0
7
ns
63 tCHCZ
Command Lines Float Delay
0
12
ns
64 tCHCV
Command Lines Valid Delay (after Float)
0
12
ns
Synchronous Serial Port Timing Requirements
75 tDVSH
Data Valid to sclk High
10
ns
77 tSHDX
sclk High to SPI Data Hold
3
ns
Synchronous Serial Port Timing Responses
71 tCLEV
clkouta Low to sden Valid
0
12
ns
72 tCLSL
clkouta Low to sclk High
0
12
ns
78 tSLDV
sclk Low to Data Valid
0
12
ns
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com