Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 66 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 66 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 62Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 63Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 64Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 65Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 66Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 67Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 68Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 69Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 70Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
pcs6_n/A2/ – Peripheral Chip Select 6 (synchronous output) / latched Address Bit 2 (synchronous
output)
pcs6_n – This signal provides an indication that a memory access is under way for the seventh region of
the peripheral memory block (I/O or memory address space). The base address of the Peripheral memory
block is programmable. pcs6_n is held high during both bus hold and reset. This output is asserted with
the ad address bus over a 256-byte range.
A2 – This pin provides and internally latched address bit 2 to the system when the EX bit (bit 7) in the
MCS_n and PCS_n auxiliary (MPCS) register is 0. It retains its previously latched value during a bus
hold.
pio31 – pio0
Programmable I/O Pins (asynchronous input/output open –drain)
32 individually programmable I/O pins are provided. See page 62.
rd_n - Read strobe (synchronous output with tristate)
This pin provides an indication to the system that a memory or I/O read cycle is under way. It will not to
be asserted before the ad bus is floated during the address to data transition. rd_n is tristated during bus
hold.
res_n - Reset (asynchronous level-sensitive input)
This pin forces a reset on the microcontroller. It has a Schmitt trigger to allow power-on reset generation
via an RC network. When this signal is asserted, the microcontroller immediately terminates its present
activity, clears its internal logic, and transfers CPU control to the reset address, FFFF0h.
res_n must be asserted for at least 1ms and may be asserted asynchronously to clkouta as it is
synchronized internally. Furthermore, Vcc must be within specification and clkouta must be stable for
more than four of its clock periods for the period that res_n is asserted.
The microcontroller starts to fetch instructions 6.5 clkouta clock periods after the deassertion of res_n.
rfsh2_n/aden_n - IA188EM only - Refresh 2 (synchronous output with tristate) / Address Enable
(input with internal pull-up)
rfsh2_n – Indicates that a DRAM refresh cycle is being performed when it is asserted low. However, this
is not valid in PSRAM mode where mcs3_n/rfsh_n is used instead.
aden_n – If this pin is held high during power-on reset, the ad bus (ao15-ao8 & ad7-ad0) is controlled
during the address portion of the LCS and UCS bus cycles by the DA bit (bit 7) in the LCS and UCS
registers. If the DA bit is 1, the address is accessed on the a19-a0 pins reducing power consumption. The
weak pull-up on this pin obviates the necessity of an external pull-up.
If this pin is held low during power-on reset, the ad bus is used for both addresses and data without regard
for the setting of the DA bits. rfsh2_n/aden_n is sampled one crystal clock cycle after the rising edge of
res_n and is tristated during bus holds and ONCE mode.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com