Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 31 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 31 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 27Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 28Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 29Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 30Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 31Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 32Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 33Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 34Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 35Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
P (bit 3) – Prescaler Bit. P is ignored if external clocking is enabled (EXT = 1). Timer 2 prescales the
timer when P is set to 1. Otherwise, the timer is incremented on every fourth CLKOUT cycle.
EXT (bit 2) – External Clock Bit. This bit determines whether an external or internal clock is used.
EXT = 1, an external clock is used and EXT = 0, an internal is used.
ALT (bit 1) – Alternate Compare Bit. If set to 1, the timer will count to Maxcount Compare A, reset
the count register to 0, count to maxcount compare B, reset the count register to 0 and begin again at
maxcount compare A.
If set to 0, the timer will count to maxcount compare A, reset the count register to 0, and begin again
at maxcount compare A. Maxcount compare B is not used in this case.
CONT (bit 0) – Continuous Mode Bit. The timer will run continuously when this bit is set to 1. The
timer will stop after each count run and EN will be cleared if the CONT bit is set to 0. If CONT = 1
and ALT = 1, the respective timer counts to the maxcount compare A value and resets, then
commences counting to maxcount compare B value, resets and ceases counting.
T2CON (066h) - Timer 2 Mode and CONtrol Register.
This register controls the operation of the Timer 2.
The value of the T2CON register is 0000h at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EN INHn INT
0
0
0
0
0
0
0
MC
0
0
0
0
CONT
EN (bit 15) – Enable Bit. The timer is enabled when the EN bit is 1. The timer count is inhibited
when the EN bit is 0. Setting this bit to 1 by writing to the T2CON register requires that the INH bit be
set to 1 during the same write. This bit is write-only, but with the INHn bit set to 1 in the same write
operation.
INHn (bit 14) – Inhibit Bit. Gates the setting of the enable (EN) bit. This bit must be set to 1 in the
same write operation that sets the enable (EN) bit. This bit always reads as 0.
INT (bit 13) – Interrupt Bit. An interrupt request is generated, by setting the INT bit to 1, when the
Count register reaches its maximum, MC = 1.
Reserved (bits 12-6) – Set to 0.
MC (bit 5) – Maximum Count. When the timer reaches its maximum count this bit is set to 1,
regardless of the interrupt enable bit. This bit may be used by software polling to monitor timer status
rather than through interrupts if desired.
Reserved (bits 4-1) – Set to 0.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com