Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 35 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 35 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 31Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 32Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 33Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 34Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 35Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 36Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 37Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 38Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 39Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Master Mode
INT2 and INT3 are designated as interrupt type 0eh and 0fh respectively.
The int2 and int3 pins may be configured as the interrupt acknowledge pins inta0_n and inta1_n
respectively in cascade mode.
The value of these registers is 000Fh at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
LTM MSK
PR2-PR0
Reserved (bits 15-5) – Set to 0.
LTM (bit 4) – Level-Triggered Mode The int2 or int3 interrupt may be edge or level triggered
depending on the value of this bit. If LTM is 1, int2 or int3 is an active high level-sensitive interrupt.
If LTM is 0, int2 or int3 is a rising edge triggered interrupt. The interrupt int2 or int3 must remain
active (high) until acknowledged.
MSK (bit 3) – Mask. The int2 or int3 signal can cause an interrupt if the MSK bit is 0. The int2 or
int3 signal cannot cause an interrupt if the MSK bit is 1. The Interrupt Mask Register has a duplicate
of this bit.
PR2-PR0 (bit 2-0) – Priority. These bits define the priority of the serial port interrupt int2 or int3 in
relation to other interrupt signals. The interrupt priority is the lowest at 7 at reset. The values of PR2
– PR0 are shown in the above table (Priority Level).
I1CON (03ah) – INT0/INT1 CONtrol Register.
I0CON (038h),
(Master Mode)
IINT0 and INT1 are designated as interrupt type 0ch and 0dh respectively.
The int2 and int3 pins may be configured as the interrupt acknowledge pins inta0 and inta1 respectively,
the interrupt acknowledge signals for int0 and int1 in cascade mode.
The value of these registers is 000Fh at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SFNM C LTM MSK
PR2-PR0
Reserved (bits 15-7) – Set to 0.
SPNM (bit 6) – Special Fully Nested Mode. This bit enables fully nested mode for int0 or int1 when
set to 1.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com