Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 95 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 95 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 91Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 92Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 93Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 94Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 95Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 96Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 97Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 98Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 99Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
Numeric Key to Waveform Parameters
No. Name Description
No. Name Description
1 tDVCL
Data in Setup
43 tCLCH
clkoutA Low Time
2 tCLDX
Data in Hold
44 tCHCL
clkoutA High Time
3 tCHSV
Status Active Delay
45 tCH1CH2 clkoutA Rise Time
4 tCLSH
Status Inactive Delay
46 tCL2CL1 clkoutA Fall Time
5 tCLAV
ad Address Valid Delay
47 tSRYCL srdy Transition Setup Time
6 tCLAX
Address Hold
48 tCLSRY srdy Transistion Hold Time
7 tCLDV
Data Valid Delay
49 tARYCH ardy Resolution Transition Setup Time
8 tCHDX
Status Hold Time
50 tCLARX ardy Active Hold Time
9 tCHLH
ale Active Delay
51 tARYCHL ardy Inactive Holding Time
10 tLHLL
ale Width
52 tARYLCL ardy Setup Time
11 tCHLL
ale Inactive Delay
53 tINVCH
Peripheral Setup Time
12 tAVLL
ad Address Valid to ALE Low
54 tINVCL
drq Setup Time
13 tLLAX
ad Address Hold from ALE Inactive
55 tCLTMV Timer Output Delay
14 tAVCH
ad Address Valid to Clock High
57 tRESIN
res_n Setup Time
15 tCLAZ
ad Address Float Delay
58 tHVCL
hld Setup Time
16 tCLCSV mcs_n/pcs_n Inactive Delay
59 tRHDX
rd_n High to Data Hold on ad Bus
17 tCXCSX mcs_n/pcs_n Hold from Command Inactive
61 tLOCK
Maximum PLL Lock Time
18 tCHCSX mcs_n/pcs_n Inactive Delay
62 tCLHAV hlda Valid Delay
19 tDXDL
den_n Inactive to dt_r_n Low
63 tCHCZ
Command Lines Float Delay
20 tCVCTV Control Active Delay 1
64 tCHCV
Command Lines Valid Delay (after Float)
21 tCVDEX den_n Inactive Delay
65 tAVWL
a Address Valid to wr_n Low
22 tCHCTV Control Active Delay 2
66 tAVRL
a Address Valid to rd_n Low
23 tLHAV
ale High to Address Valid
67 tCHCSV clkoutA High to lcs_n/usc_n Valid
24 tAZRL
ad Address Float to rd_n Active
68 tCHAV
clkoutA High to A Address Valid
25 tCLRL
rd_n Active Delay
69 tCICOA
X1 to clkoutA Skew
26 tRLRH
rd_n Pulse Width
70 tCICOB
X1 to clkoutB Skew
27 tCLRH
rd_n Inactive Delay
71 tCLEV
clkouta Low to sden Valid
28 tRHLH
rd_n Inactive to ale High
72 tCLSL
clkouta Low to sclk High
29 tRHAV
rd_n Inactive to ad Address Active
75 tDVSH
Data Valid to sclk High
30 tCLDOX Data Hold Time
77 tSHDX
sclk High to SPI Data Hold
31 tCVCTX Control Inactive Delay
78 tSLDV
sclk Low to Data Valid
32 tWLWH
wr_n Pulse Width
79 tCHRFD clkoutA High to rfsh_n Valid
33 tWHLH
wr_n Inactive to ale High
80 tCLCLX lcs_n Inactive Delay
34 tWHDX
Data Hold after wr_n
81 tCLCSL lcs_n Active Delay
35 tWHDEX wr_n Inactive to den_n Inactive
82 tCLRF
clkoutA High to rfsh_n Invalid
36 tCKIN
X1 Period
83 tCOAOB clkoutA to clkoutB Skew
37 tCLCK
X1 Low Time
84 tLRLL
lcs_n Precharge Pulse Width
38 tCHCK
X1 High Time
85 tRFCY
rfsh_n Cycle Time
39 tCKHL
X1 Fall Time
86 tLCRF
lcs_n Inactive to rfsh_n Active Delay
40 tCKLH
X1 Rise time
87 tAVBL
a Address Valid to whb_n/wlb_n Low
42 tCLCL
clkoutA Period
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com