Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 30 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 30 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 26Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 27Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 28Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 29Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 30Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 31Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 32Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 33Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 34Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
PMODE [15:0] (bits 15-0) – PIO Mode 0 Bits. For each bit, if the value is 1 then the pin is
configured as an input and as an output if the value is 0. The values of these bits correspond to those
in the PIO data registers and PIO Mode registers.
PMODE [31:16] (bits 15-0) – PIO Mode 1 Bits. For each bit, if the value is 1 then the pin is
configured as an input and as an output if the value is 0. The values of these bits correspond to those
in the PIO data registers and PIO Mode registers.
T1CON (05eh) - Timer 0 and Timer 1 Mode and CONtrol Registers.
T0CON (056h)
This registers controls the operation of the Timer 1 and Timer 0 respectively.
The value of both the T0CON and T1CON registers is 0000h at reset.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EN INHn INT RIU
0
0
0
0
0
0
MC RTG
P
EXT ALT CONT
EN (bit 15) – Enable Bit. The timer is enabled when the EN bit is 1. The timer count is inhibited
when the EN bit is 0. This bit is write-only, but with the INHn bit set to 1 in the same write operation.
INHn (bit 14) – Inhibit Bit. Gates the setting of the enable (EN) bit. This bit must be set to 1 in the
same write operation that sets the enable (EN) bit. Otherwise, the EN bit will not be changed. This bit
always reads as 0.
INT (bit 13) – Interrupt Bit. An interrupt request is generated when the Count register reaches its
maximum, MC = 1, by setting the INT bit to 1. In dual maxcount mode, an interrupt request is
generated when the count register reaches the value in maxcount A or maxcount B. No interrupt
requests are generated if this bit is set to 0. If an interrupt request is generated and then the enable bit
is cleared before said interrupt is serviced, the interrupt request will remain.
RIU (bit 12) – Register in Use Bit. This bit is set to 1 when the maxcount register B is used to
compare to the timer count value. It is set to 0 when the maxcount compare A register is used.
Reserved (bits 11-6) – Set to 0.
MC (bit 5) – Maximum Count. When the timer reaches its maximum count this bit is set to 1
regardless of the interrupt enable bit. This bit is also set every time Maxcount Compare register A or
B is reached, when in dual maxcount mode. This bit may be used by software polling to monitor
timer status rather than through interrupts if desired.
RTG (bit 4) – Retrigger Bit. This pin controls the timer function of the timer input pin. When set to 1,
the count is reset by a 0 to 1 transition on timrin0 or tmrin1. When set to 0, a high input on tmrin0
or tmrin1 enables the count and a 1 holds the timer value. This bit is ignored if the external clocking
(EXT=1) bit is set.
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com