Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 28 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 28 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 24Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 25Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 26Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 27Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 28Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 29Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 30Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 31Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 32Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
3. When used as a PIO pin, it is an input with an available pull-up option.
4. When used as a PIO pin, it is an input with an available pull-down option.
The value of the PDATA registers is undefined at reset.
PDATA 0
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
PDATA (15 – 0)
PDATA 1
15
14
13
12
11
10
9
8
7
6
5 4 3
2
1
0
PDATA (31 – 16)
PDATA [15:0] (bits 15-0) – PIO Data 0 Bits. This register contains the values of the bits that are
either driven on or received from the corresponding PIO pins, depending on its configuration each pin
as either an output or an input. The values of these bits correspond to those in the PIO direction
registers and PIO Mode registers.
PDATA [31:16] (bits 15-0) – PIO Data 1 Bits. This register contains the values of the bits that are
either driven on, or received from, the corresponding PIO pins depending on its configuration each pin
as either an output or an input. The values of these bits correspond to those in the PIO direction
registers and PIO Mode registers
The PIO pins can be operated as open-drain outputs by:
1. Maintaining the data constant in the appropriate bit of the PIO data register.
2. Writing the value of the data bit into the respective bit position of the PIO Direction register, so that
the output is either 0 or disabled depending on the value of the data bit.
PDIR1 (078h) - PIO DIRection Registers.
PDIR0 (072h)
Each PIO pin is configured as an input or an output by the corresponding bit in the PIO direction register.
PIO Mode and PIO Direction Settings
PIO Mode
PIO Direction
Pin function
0
0
Normal operation
0
1
PIO input with pullup/pulldown
1
0
PIO output
1
1
PIO input without pullup/pulldown
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com