Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA186EM-PQF100I-R Datasheet(PDF) 120 Page - InnovASIC, Inc

Part # IA186EM-PQF100I-R
Description  8/16-Bit Microcontrollers
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186EM-PQF100I-R Datasheet(HTML) 120 Page - InnovASIC, Inc

Back Button IA186EM-PQF100I-R Datasheet HTML 116Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 117Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 118Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 119Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 120Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 121Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 122Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 123Page - InnovASIC, Inc IA186EM-PQF100I-R Datasheet HTML 124Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 133 page
background image
IA186EM/IA188EM
Data Sheet
8/16-BIT Microcontrollers
As of Production Version -03
IA188EM 100 Pin PQFP Assignments (sorted by Pin number)
Pin # Name
Pin # Name
1
sden1/pio23
51
mcs1_n/pio15
2
sden0/pio22
52
int4/pio30
3
sclk/pio20
53
int3/inta1_n/irq
4
rfsh2_n/aden_n
54
int2/inta0_n/pwd/pio31
5
wr_n
55
int1/select_n
6
rd_n
56
int0
7
ale
57
ucs_n/once1_n
8
ardy
58
lcs_n/once0_n
9
s2_n
59
pcs6_n/a2/pio2
10
s1_n
60
pcs5_n/a1/pio3
11
s0_n
61
vCC
12
gnd
62
pcs3_n/pio19
13
x1
63
pcs2_n/pio18
14
x2
64
gnd
15
vCC
65
pcs1_n/pio17
16
clkouta
66
pcs0_n/pio16
17
clkoutb
67
vCC
18
gnd
68
mcs2_n/pio24
19
a19/pio29
69
mcs3_n/rfsh_n/pio25
20
a18/pio8
70
gnd
21
vCC
71
res_n
22
a17/pio7
72
tmrin1/pio25
23
a16
73
tmrout1/pio1
24
a15
74
tmrout0/pio10
25
a14
75
tmrin0/pio11
26
a13
76
drq1/pio13
27
a12
77
drq0/pio12
28
a11
78
ad0
29
a10
79
ao8
30
a9
80
ad1
31
a8
81
ao9
32
a7
82
ad2
33
a6
83
ao10
34
a5
84
ad3
35
a4
85
ao11
36
a3
86
ad4
37
a2
87
ao12
38
vCC
88
ad5
39
a1
89
gnd
40
a0
90
ao13
41
gnd
91
ad6
42
gnd
92
VCC
43
wb_n
93
ao14
44
hlda
94
ad7
45
hold
95
ao15
46
srdy/pio6
96
s6/clkdiv2_n/pio29
47
nmi
97
uzi_n/pio26
48
dt/r_n/pio4
98
txd/pio27
49
den_n/pio5
99
rxd/pio28
50
mcs0_n/pio14
100
sdata/pio21
3737 Princeton NE, Ste 130 • Albuquerque, NM 87107 • Tel 505.883.5263 • Fax 505.883.5477 • www.Innovasic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com