Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 23Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 24Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
Data Sheet
ADIN1300
THEORY OF OPERATION
analog.com
Rev. B | 27 of 96
MDI_1 pins to ensure that a lock out is avoided where both local
and remote PHY are in an energy detect power-down mode.
EEE, Low Power Idle Mode
The ADIN1300 supports EEE and is compliant with the IEEE 802.3
standard. EEE can be used to reduce power consumption when
no data is being transmitted by either the local or remote end.
Both devices must have EEE enabled and advertised. If EEE is
advertised by the local and remote PHYs, an EEE link is brought
up. If there is no data to be sent, the MAC requests the ADIN1300
to enter EEE low power idle mode. When the MAC or remote PHY
wishes to send data, the ADIN1300 PHY wakes up (within 16 µs for
1000BASE-T and 20 µs for 100BASE-TX) and can send or receive
data.
The transition between lower power consumption and normal oper-
ation is handled such that all frames remain intact and transmitted
as normal, and the upper layer protocols are unaware of any
changes at the PHY level. When data is transmitted, it continues
to transmit at the fastest link speed established. See the Typical
Power Consumption section for more details on the power savings
in this mode.
EEE mode can be enabled using the appropriate pull-up/pull-down
resistors on the LINK_ST pin and LED_0 pin (see Table 25) or
by setting the EEE_1000_ADV or EEE_100_ADV bits (EEE_ADV
register, Address 0x8001) to 1. During link autonegotiation, the local
and remote PHYs advertise the speeds supported, including if they
are EEE capable and, the PHYs then attempt to bring up a link at
the highest speed supported by both sides. If EEE is advertised by
both the local and remote PHYs for the established link speed, the
link is an EEE link. If there is an EEE link and if at some point in
time there is no data to be sent, the MAC requests the ADIN1300
to enter EEE LPI mode, which is almost as low power as energy
detect power-down mode. The ADIN1300 wakes up periodically to
transmit refresh signals that are used by the link partner to update
adaptive filters and timing circuits to maintain link integrity.
The following events occur when in EEE LPI mode:
►
All analog and digital circuits are in a low power mode.
►
Most internal clocks are gated off.
►
The output reference clock (if enabled) is available on the
CLK25_REF pin.
►
The selected PHY output clock (if enabled) is available on the
GP_CLK pin.
►
The management interface registers are accessible.
►
The PHY monitors the line for an LPI wake signal.
When the local or remote PHY wishes to send data, the PHY
initiates an LPI wake sequence and the PHYs can then start to
send or receive data within 16 µs for 1000BASE-T (20 µs for
100BASE-TX).
STATUS LED
The ADIN1300 provides a configurable status LED. The LED can
be used to indicate the speed of operation, link status, and duplex
mode. The LED pin can be configured to be active high or active
low. The recommendation is to use the LED as active low. The
ADIN1300 automatically senses the connection of the LED during
power up and reset. For example, if it senses that the pin is pulled
to a supply, it configures the LED for active low operation. By
default, LED_0 illuminates when a link is established and blinks
when there is activity. The default LED operation can be overwritten
in software using the PHY LED control registers, LED_CTRL_1,
LED_CTRL_2, and LED_CTRL_3 (Register Address 0x001B, Reg-
ister Address 0x001C, and Register Address 0x001D, respectively).
See Table 57, Table 58, and Table 59.
Figure 26. LED_0 Hardware Configuration Pin Interaction
The LED_0 pin is also shared with pin configuration functions as
defined in Table 25, and it can be necessary for the voltage level on
the pin to be at a certain value on power-on and reset to configure
the ADIN1300 as required (set by a pull-up resistor from the pin
to the supply (R_HI) and a pull-down resistor from the pin to GND
(R_LO) in Figure 26).
The default operation of the LED is active low. So, if the default
configuration setting is MODE_4, an external LED circuit using an
active low LED results in a Logic 1 being read at the pin, and so the
LED behaves as expected. For example, the LED does not turn on
at power-on and reset.
An active low LED circuit is functional for a configuration setting of
MODE_3 where the sense voltage is such that an active low LED
is still off during power-on and reset, because there is insufficient
forward voltage.
For configuration settings of MODE_1 or MODE_2, an external
transistor must drive the LED as an active high LED, as shown in
Figure 26. It is also be possible to drive an active high LED directly
from the pin. However, this necessitates the use of an LED with a
low forward voltage and, depending on the LED chosen, the LED
may be quite dim.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com