Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Data Sheet
ADIN1300
TYPICAL POWER CONSUMPTION
analog.com
Rev. B | 39 of 96
Table 1 and the Typical Performance Characteristics section cap-
ture high level detail of the power consumption of the ADIN1300
under nominal conditions and across the device temperature range.
Power consumption of a PHY depends heavily on power supply,
speed established, operating condition, and capacitive loading on
digital pins.
POWER SUPPLIES
The most significant contributor to power consumption is the supply
voltage choice and speed of operation.
The ADIN1300 can operate from a minimum of two power supply
rails, where AVDD_3P3 = VDDIO = 3.3 V and DVDD_0P9 = 0.9
V. The VDDIO voltage requirements are dictated by the MAC
interface. While two power supply rails result in a more simplified
power strategy, the higher digital supply voltage translates directly
to higher power consumption needs. This can be seen in Table
28, Table 29, and Table 30, which describe the various VDDIO
voltages. Using the lowest VDDIO supply rail can achieve a savings
close to 100 mW at Gigabit speeds with full throughput.
Speed of Link Established
The next biggest contributor to power consumption is the speed of
the link. The ADIN1300 PHY has leading edge power consumption
figures for Gigabit data. Lower data links run at lower power
consumption numbers. This PHY was designed for low power con-
sumption when operating at Gigabit speeds. As a result, 10 Mbps
power consumption may not be as low as comparable offerings in
the industry.
Lower Power Modes
The ADIN1300 has a number of means to lower power consump-
tion under conditions where the PHY is not active or when it is
linked and there is no data transmitting. Full details on these modes
are captured in the Power-Down Modes section. Two key modes of
operation to minimize power are energy detect power-down mode,
when no link is present, and EEE low power idle mode, where a
link is established but the line is idle. The power consumption under
this state is significantly reduced compared to other idle states.
Configuration of these modes is available through the hardware
configuration pins or directly through the MDI interface. Typical
power consumption for hardware reset, EEE, and EDPD are cap-
tured in Table 28, Table 29, and Table 30 as EEE.
Data Utilization
Table 28, Table 29, and Table 30 also capture the variation for data
utilization for the various speeds. Data is shown for 100% data to
0% or idle state. In the idle state, the PHY is linked, but no data
transfer is taking place. The power consumption in this state is
lower than full utilization.
Table 28. Typical Current and Power Consumption for VDDIO = 1.8 V (TA = 25°C, Cable Length = 100 meters)
Mode
DVDD_0P9 Core Supply, 0.9 V
(mA)
VDDIO Digital I/O Supply, 1.8 V
(mA)
AVDD_3P3 PHY AFE, LED Circuit, 3.3 V
(mA)
Total Power (mW)
Gb, 100% Data
38
35
70.5
330
Gb, Idle
38
28
70.5
317
100 Mbps, 100% Data
12
9
35
140
100 Mbps, Idle
11
8
35
138
10 Mbps, 100% Data
7
8
42
158
10 Mbps, Idle
6
7
30
117
Software Power-Down
4
1
14
52
Cable Unplug
3
1
6
25
Hardware Power-Down
3
0
1
7
Table 29. Typical Current and Power Consumption for VDDIO = 2.5 V (TA = 25℃, cable length = 100 meters)
Mode
DVDD_0P9 Core Supply, 0.9 V
(mA)
VDDIO Digital I/O Supply, 2.5 V
(mA)
AVDD_3P3 PHY AFE, LED Circuit, 3.3 V
(mA)
Total Power (mW)
Gb, 100% Data
38
41
70.5
370
Gb, Idle
38
30
70.5
342
100 Mbps, 100% Data
12
10
35
148
100 Mbps, Idle
11
9
35
145
10 Mbps, 100% Data
7
8
42
165
10 Mbps, Idle
6
7
30
123
Software Power-Down
4
1
14
53
Cable Unplug
3
1
6
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com