Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 55Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 56Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 59 of 96
Table 48. Bit Descriptions for PHY_CTRL_STATUS_1
Bits
Bit Name
Description
Reset
Access
[15:13]
RESERVED
Reserved.
0x0
R/W
12
LB_ALL_DIG_SEL
Setting this bit selects all digital loopback. This loops the data within the PHY at the analog/digital boundary so
that data received on the MAC interface TXD_x pins is looped back to the RXD_x pins. This requires the IEEE
loopback bit (Register 0x0000, Bit 14) to be set.
0x1
R/W
11
RESERVED
Reserved.
0x0
R
10
LB_LD_SEL
Setting this bit selects line driver loopback. If this register bit is set, every time the loopback bit is set the PHY
enters line driver loopback mode. In line driver loopback mode, leave the MDI pins open to create a large
impedance mismatch. The PHY can then operate by receiving the reflection from its own transmission.
0x0
R/W
9
LB_REMOTE_EN
Setting this bit enables remote loopback. This requires a link up with a remote PHY and it loops the data
received from the remote PHY back to the remote PHY using all of the digital and analog circuitry of the PHY.
0x0
R/W
8
ISOLATE_RX
Setting this bit suppresses data being sent to the MAC during loopback.
0x0
R/W
7
LB_EXT_EN
Setting this bit enables external cable loopback. This requires an external cable with Pair 0 and Pair 1 and Pair
2 and Pair 3 shorted together to provide an analog loopback at the end of the cable. All of the digital and analog
circuitry of the PHY and the signal processing is adjusted so that the transmitted signal is not cancelled. The
IEEE loopback bit (Register 0x0000, Bit 14) must not be set.
0x0
R/W
6
LB_TX_SUP
Setting this bit suppresses the transmit signal at the MDI pins in all digital loopback.
0x1
R/W
[5:1]
RESERVED
Reserved.
0x0
R
0
LB_MII_LS_OK
Setting this bit sets the link status signal to okay during MII loopback.
0x1
R/W
Receive Error Count Register
Address: 0x0014, Reset: 0x0000, Name: RX_ERR_CNT
The receive error counter register is used to access the receive error counter associated with the frame checker in the PHY.
Table 49. Bit Descriptions for RX_ERR_CNT
Bits
Bit Name
Description
Reset
Access
[15:0]
RX_ERR_CNT
This is the receive error counter associated with the frame checker in the PHY. Note that this bit is self clearing upon
reading.
0x0
R SC
PHY Control Status 2 Register
Address: 0x0015, Reset: 0x0000, Name: PHY_CTRL_STATUS_2
This register provides access to various PHY control and status registers, in particular autonegotiation controls and energy detect power-down
control and status bits.
Table 50. Bit Descriptions for PHY_CTRL_STATUS_2
Bits
Bit Name
Description
Reset
Access
[15:4]
RESERVED
Reserved.
0x0
R
3
NRG_PD_EN
Setting this bit enables energy detect power-down. If there is no signal energy detected for a number of
seconds, the PHY enters energy detect power-down mode. Note that the default value of this register bit is
configurable via the hardware configuration pins. This allows the default operation of the PHY to be configured in
unmanaged applications.
0x0
R/W
1: enable energy detect power-down mode.
0: disable energy detect power-down mode.
2
NRG_PD_TX_EN
When this bit is set, the PHY periodically wakes up when in energy detect power-down and transmits a number
of pulses. This is to avoid a lock up situation where the PHYs on both ends of the line are in energy detect
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com