Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADIN1300CCPZ-R7 Datasheet HTML 1Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 2Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 3Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 4Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 5Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 6Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 7Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 8Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
Data Sheet
ADIN1300
Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps
Ethernet PHY
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
10BASE-Te/100BASE-TX/1000BASE-T IEEE 802.3 compliant
►
MII, RMII, and RGMII MAC interfaces
►
1000BASE-T RGMII latency transmit <68 ns, receive <226 ns
►
100BASE-TX MII latency transmit <52 ns, receive <248 ns
►
Programmable RGMII timing delay and drive current
►
Supports TSN
►
EMC test standards
►
IEC 61000-4-5 surge (±4 kV)
►
IEC 61000-4-4 electrical fast transient (EFT) (±4 kV)
►
IEC 61000-4-2 ESD (±6 kV contact discharge)
►
IEC 61000-4-6 conducted immunity (10 V)
►
EN55032 radiated and conducted emissions (Class A)
►
Unmanaged configuration using multilevel pin strapping
►
MDIO/MDC management interface and interrupt pin
►
EEE in accordance with IEEE 802.3az
►
Start of packet detection for IEEE 1588 time stamp support
►
Enhanced link detection
►
Voltage mode MDI drivers, eliminates termination resistors
►
RJ45 MDI flip capability
►
Automatic polarity and pair swap correction
►
Cable diagnostics (TDR and signal analysis)
►
Frame generator and checker, multiple loopback modes
►
Configurable LED
►
25 MHz/125 MHz synchronous clock output
►
Jumbo frame support up to 16 kB
►
Small package and wide temperature range
►
40-lead, 6 mm × 6 mm LFCSP
►
Specified for −40°C to +105°C ambient operation
►
Low power consumption
►
330 mW for 1000BASE-T
►
140 mW for 100BASE-TX
►
3.3 V/2.5 V/1.8 V MAC interface VDDIO supply
►
Integrated power supply monitoring and POR
APPLICATIONS
►
Industrial automation
►
Process control
►
Factory automation
►
Robotics/motion control
►
Time sensitive networking (TSN)
►
Building automation
►
Test and measurement
►
Industrial internet of things (IoT)
GENERAL DESCRIPTION
The ADIN1300 is a low power, single port, Gigabit Ethernet trans-
ceiver with low latency and power consumption specifications pri-
marily designed for industrial Ethernet applications.
This design integrates an energy efficient Ethernet (EEE) physi-
cal layer device (PHY) core with all associated common analog
circuitry, input and output clock buffering, management interface
and subsystem registers, and MAC interface and control logic to
manage the reset and clock control and pin configuration.
The ADIN1300 is available in a 6 mm × 6 mm, 40-lead lead
frame chip scale package (LFCSP). The device operates with a
minimum of 2 power supplies, 0.9 V and 3.3 V, assuming the use
of a 3.3 V MAC interface supply. For maximum flexibility in system
level design, a separate VDDIO supply enables the management
data input/output (MDIO) and MAC interface supply voltages to be
configured independently of the other circuitry on the ADIN1300,
allowing operation at 1.8 V, 2.5 V, or 3.3 V. At power-up, the
ADIN1300 is held in hardware reset until each of the supplies has
crossed its minimum rising threshold value. Brown-out protection
is provided by monitoring the supplies to detect if one or more
supply drops below a minimum falling threshold (see Table 19), and
holding the device in hardware reset until the power supplies return
and satisfy the power-on reset (POR) circuit.
The MII management interface (also referred to as MDIO interface)
provides a 2-wire serial interface between a host processor or MAC
(also known as management station (STA)) and the ADIN1300,
allowing access to control and status information in the PHY core
management registers. The interface is compatible with both the
IEEE 802.3 Standard Clause 22 and Clause 45 management frame
structures.
The ADIN1300 can support cable lengths up to 150 meters at
Gigabit speeds and 180 meters when operating at 100 Mbps or
10 Mbps. Note that throughout this data sheet, multifunction pins,
such as XTAL_I/CLK_IN/REF_CLK, are referred to either by the
entire pin name or by a single function of the pin, for example,
XTAL_I/CLK_IN, when only that function is relevant.
Analog Devices is in the process of updating documentation to provide terminology and language that is culturally appropriate. This is a process
with a wide scope and will be phased in as quickly as possible. Thank you for your patience.


Similar Part No. - ADIN1300CCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1300CCPZ-R7 AD-ADIN1300CCPZ-R7 Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
More results

Similar Description - ADIN1300CCPZ-R7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3007 STMICROELECTRONICS-AN3007 Datasheet
418Kb / 20P
100 Mbps and Gigabit Ethernet protection
30-Mar-2010
logo
Texas Instruments
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Advantech Co., Ltd.
ADAM-6520-BE ADVANTECH-ADAM-6520-BE Datasheet
58Kb / 1P
5-port 10/100 Mbps Industrial Ethernet Switches
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83826E TI1-DP83826E Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E_V01 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN1300 AD-ADIN1300 Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com