Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 83Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 84Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 85Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 86Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 87Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 88Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 89Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 90Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 87 of 96
Table 123. Bit Descriptions for GE_SFT_RST_CFG_EN
Bits
Bit Name
Description
Reset
Access
[15:1]
RESERVED
Reserved.
0x0
R
0
GE_SFT_RST_CFG_EN
In the event of a subsystem software reset using the GE_SFT_RST bit, the subsystem behavior depends
on the setting of the GE_SFT_RST_CFG_EN bit.
0x0
R/W
1: when the GE_SFT_RST_CFG_EN bit is set, the subsystem requests a new set of hardware configura-
tion pin settings from the chip during the software reset sequence.
0: when GE_SFT_RST_CFG_EN is clear, the previously stored hardware configuration pin settings are
reloaded into the corresponding management registers.
Subsystem Interrupt Enable Register
Address: 0xFF1D, Reset: 0x000E, Name: GE_IRQ_EN
This register is used to control whether or not the interrupt on INT_N hardware pin is asserted in response to various events.
Table 124. Bit Descriptions for GE_IRQ_EN
Bits
Bit Name
Description
Reset
Access
[15:5]
RESERVED
Reserved.
0x0
R/W
4
GE_HRD_RST_IRQ_EN
This bit enables an interrupt in response to a hardware reset. Note that this bit is initialized
to its pin dependent default value on reset. Therefore, the interrupt is only generated when
the PHY is configured to enter software power-down on exit from reset either through
hardware strapping (Row 4 of Table 25) or alternatively through software configuration (see
Bit GE_PHY_SFT_PD_CFG in the GE_PHY_BASE_CFG register).
0x0
R/W
[3:0]
RESERVED
Reserved.
0xE
R/W
Subsystem Interrupt Status Register
Address: 0xFF1E, Reset: 0x0000, Name: GE_IRQ_LAT
This register is used to check and clear the interrupt on INT_N hardware pin after a hardware reset.
Table 125. Bit Descriptions for GE_IRQ_LAT
Bits
Bit Name
Description
Reset
Access
[15:5]
RESERVED
Reserved.
0x0
R
4
GE_HRD_RST
_IRQ_LH
This bit indicates that a hardware reset occurred since the last time this register was read.
0x0
R LH
[3:0]
RESERVED
Reserved.
0x0
R
Subsystem Clock Configuration Register
Address: 0xFF1F, Reset: 0x0008, Name: GE_CLK_CFG
This register allows the subsystem output clock configuration to be controlled.
Table 126. Bit Descriptions for GE_CLK_CFG
Bits
Bit Name
Description
Reset
Access
[15:6]
RESERVED
Reserved.
0x0
R
5
GE_CLK_RCVR_125_EN
When this bit is set, the 125 MHz PHY recovered clock (or PLL clock) is driven at the GP_CLK pin.
0x0
R/W
4
GE_CLK_FREE_125_EN
When this bit is set, the 125 MHz PHY free running clock is driven at the GP_CLK pin.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com