Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
Data Sheet
ADIN1300
HARDWARE CONFIGURATION PINS
analog.com
Rev. B | 32 of 96
PHY Configuration
The PHY_CFG1 and PHY_CFG0 hardware configuration pins are
shared with the LINK_ST and LED_0 functional pins, respectively.
These hardware configuration pins cover the following functions
and can be configured according to Table 25:
►
Forced/advertised PHY speed
►
Software power-down mode after reset
►
Downspeed enable
►
Energy detect power-down (EDPD) mode
►
EEE enable
The PHY_CFG1 pin and PHY_CFG0 pin have no internal pull-up
resistors, so external resistors must be used to configure these
functions.
Table 25. PHY Configuration
Forced/Advertised
PHY Speed Configuration
Other Functions Enabled1
LINK_ST/
PHY_CFG1
LED_0/COL/
TX_ER/
PHY_CFG0
Row No.
Advertised Speeds
(Autonegotiation Enabled)
10 half duplex (HD)/full duplex (FD), 100 HD/FD, and
1000 FD prefer slave
Downspeed, EDPD, and EEE MODE_4
MODE_4
1
10 HD/FD, 100 HD/FD, and 1000 FD prefer slave
MODE_1
MODE_4
2
10 HD/FD, 100 HD/FD, and 1000 FD prefer master
MODE_2
MODE_4
3
10 HD/FD, 100 HD/FD, and 1000 FD prefer slave
Software power-down mode
after reset
MODE_3
MODE_4
4
10 HD/FD and 100 HD/FD
MODE_4
MODE_2
5
10 FD and 100 FD
MODE_4
MODE_3
6
100 FD and 1000 FD prefer slave
MODE_4
MODE_1
7
100 FD and 1000 FD prefer master
MODE_3
MODE_1
8
100 FD
MODE_1
MODE_1
9
1000 FD prefer slave
MODE_2
MODE_1
10
1000 FD prefer master
MODE_3
MODE_2
11
Forced Speed (Autonegotiation
Disabled)
10 FD
MODE_1
MODE_2
12
100 HD
MODE_2
MODE_2
13
100 FD
MODE_3
MODE_3
14
1 If no function is listed in this column, then only the PHY speed is configured using this row.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com