Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 46Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 47Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 48Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 49Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 50Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 51Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 52Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 53Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 50 of 96
Table 33. Bit Descriptions for MII_CONTROL (Continued)
Bits
Bit Name
Description
Reset
Access
13
SPEED_SEL_LSB
The speed selection MSB and LSB register bits are used to configure the link speed. Note that the default value of
this register bit is configurable via the hardware configuration pins. This allows the default operation of the PHY to
be configured in unmanaged applications.
0x0
R/W
11: reserved.
10: 1 Gbps.
01: 100 Mbps.
00: 10 Mbps.
12
AUTONEG_EN
The autonegotiation enable bit is used to enable/disable autonegotiation. Note that the default value of this
register bit is configurable via the hardware configuration pins. This allows the default operation of the PHY to be
configured in unmanaged applications.
0x1
R/W
1: enable autonegotiation process.
0: disable autonegotiation process.
11
SFT_PD
Software Power-Down Bit. Note that the default value of this register bit is configurable via the hardware
configuration pins. The PHY can be held in reset until initialized by the software.
0x0
R/W
1: software power-down.
0: normal operation.
10
ISOLATE
Isolate Bit.
0x0
R/W
1: electrically isolate PHY from MAC interface by setting MAC interface pins to tristate (even if active).
0: normal operation.
9
RESTART_ANEG
Restart Autonegotiation Bit. Note that this bit is self clearing. When the autonegotiation process is restarted, this bit
returns to 1'b0.
0x0
R/W SC
1: restart the autonegotiation process.
0: normal operation.
8
DPLX_MODE
Duplex Mode Bit.
0x0
R/W
1: full duplex.
0: half duplex.
7
COLTEST
Collision Test Bit.
0x0
R/W
1: enable collision signal test.
0: disable collision signal test.
6
SPEED_SEL_MSB
See SPEED_SEL_LSB Bit Description.
0x1
R/W
11: reserved.
10: 1 Gbps.
01: 100 Mbps.
00: 10 Mbps.
5
UNIDIR_EN
The unidirectional enable register bit is read only and always reads as 1'b0. Transmission from the media
independent interface is only enabled when the PHY has determined that a valid link has been established.
0x0
R
[4:0]
RESERVED
Reserved.
0x0
R
MII Status Register
Address: 0x0001, Reset: 0x7949, Name: MII_STATUS
This address corresponds to the MII status register specified in Clause 22.2.4.2 of IEEE Standard 802.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com