Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 57Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 58Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 59Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 60Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 61Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 62Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 63Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 64Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 96 page
background image
Data Sheet
ADIN1300
REGISTER SUMMARY
analog.com
Rev. B | 61 of 96
Table 52. CLK_CNTRL Settings
CLK_CNTRL
RX_CLK
TX_CLK
No Link
No Link
1000 Mbps Link
000
2.5 MHz
Off
Off
001
25 MHz
2.5 MHz
Off
010
125 MHz
25 MHz
Off
011
125 MHz
25 MHz
Off
100 (Default)
2.5 MHz
2.5 MHz
2.5 MHz
101
25 MHz
25 MHz
25 MHz
110
125 MHz
2.5 MHz
2.5 MHz
111
125 MHz
25 MHz
25 MHz
PHY Control 3 Register
Address: 0x0017, Reset: 0x3048, Name: PHY_CTRL_3
This register provides access to PHY control register bits for link enable and autonegotiation controls.
Table 53. Bit Descriptions for PHY_CTRL_3
Bits
Bit Name
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x0
R
13
LINK_EN
Setting this bit enables linking. If linking is disabled, the PHY enters the standby state and does not
attempt to bring up links. The standby state can be used to run diagnostics, including cable diagnostics.
0x1
R/W
1: enable linking.
0: disable linking.
[12:10]
NUM_SPEED_RETRY
If downspeed is enabled, this register bit specifies the number of retries the PHY must attempt to bring up
a link at the advertised speed before advertising a lower speed. By default, the PHY attempts to bring up a
link 5 times (4 retries) before downspeeding.
0x4
R/W
[9:0]
RESERVED
Reserved.
0x48
R/W
Interrupt Mask Register
Address: 0x0018, Reset: 0x0000, Name: IRQ_MASK
The interrupt mask register allows interrupts to be masked or unmasked.
Table 54. Bit Descriptions for IRQ_MASK
Bits
Bit Name
Description
Reset
Access
[15:11]
RESERVED
Reserved.
0x0
R/W
10
CBL_DIAG_IRQ_EN
Cable Diagnostics Interrupt Enable Bit.
0x0
R/W
1: enable cable diagnostics interrupt.
0: disable cable diagnostics interrupt.
9
MDIO_SYNC_IRQ_EN
MDIO Synchronization Lost Interrupt Enable Bit.
0x0
R/W
1: enable MDIO synchronization lost interrupt.
0: disable MDIO synchronization lost interrupt.
8
AN_STAT_CHNG_IRQ_EN
Autonegotiation Status Changed Interrupt Enable Bit.
0x0
R/W
1: enable autonegotiation status changed interrupt.
0: disable autonegotiation status changed interrupt.
7
FC_FG_IRQ_EN
Frame checker/generator interrupt enable bit.
1: enabled frame checker/generator interrupt
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com