Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADIN1300CCPZ-R7
Description  Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1300CCPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADIN1300CCPZ-R7 Datasheet HTML 25Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 26Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 27Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1300CCPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
Data Sheet
ADIN1300
HARDWARE CONFIGURATION PINS
analog.com
Rev. B | 29 of 96
The ADIN1300 can operate in unmanaged or managed applica-
tions. In unmanaged applications, the desired operation of the PHY
is configured from hardware configuration pins without any software
intervention. For unmanaged applications, do not configure the
PHY to enter software power-down after reset to ensure that
the PHY immediately attempts to bring up links as configured by
the PHY_CFG1 and PHY_CFG0 hardware configuration pins after
power is applied to the device.
In managed applications, software is available to configure the
PHY via the management interface (MDIO/MDC). In this case, it is
possible to configure the PHY to enter software power-down mode
after reset, such that the PHY can be configured before linking is
attempted.
Hardware configuration pins are pins shared with functional pins
and the voltage level on the pin is sensed and latched upon exiting
from a reset. Some hardware configuration pins are multilevel
sense, while others are two-level sense. For multilevel sense pins,
using two resistors, R_LO and R_HI (see Figure 28), four different
voltage levels can be sensed, as shown in Table 21. For two-level
sense pins, only a pull down or pull up are relevant and this is
implemented with a 10 kΩ pull-down resistor or a 10 kΩ pull-up
resistor, respectively. Note that LED_0 must be pulled up to the
AVDD_3P3 rail rather than VDDIO.
Figure 28. Hardware Configuration Pin Implementation
Note that the values listed in Table 21 assume no extra loading
from circuitry external to the ADIN1300. It is likely that some
configuration pins can be connected to a field-programmable gate
array (FPGA) input that can have its own internal pull-up/pull-down
resistor. This loads the resistor divider voltage. Assuming a pull-up
resistor >43 kΩ and a pull-down resistor >37 kΩ, replace the 10 kΩ
resistor used in MODE_1 and MODE_4 with a 2.5 kΩ resistor.
Table 21. Configuration Modes
Mode
R_LO
R_HI
Voltage Threshold
MODE_1
10 kΩ
Open
MODE_2
10 kΩ
56 kΩ
>0.1 × VDDIO1
MODE_3
56 kΩ
10 kΩ
>0.5 × VDDIO1
MODE_4
Open
10 kΩ
>0.9 × VDDIO1
1 Note that the supply rail for the LED_0 pin is AVDD_3P3 rather than VDDIO.
Therefore, pull up any pull-up on the LED_0 pin to AVDD_3P3.
Table 21 shows recommended resistor values for the multilevel
sense pins with the corresponding voltage threshold range required
for each mode. Table 22 shows the voltage ranges involved for
each mode vs. VDDIO voltage. The voltage levels shown were
chosen to steer clear of standard VIH/VIL voltage levels to avoid any
shoot-through currents (and unknown voltage levels) in the input
driver of disabled devices connected to the pins. VIH/VIL voltage
levels do have voltage and device dependencies. Therefore, it may
not always be possible to avoid such artifacts.
Table 22. Voltage Levels for Modes vs. VDDIO Voltage
VDDIO1 Mode
1.8 V (V)
2.5 V (V)
3.3 V (LED_0 = 3.3 V) (V)
MODE_1
<0.18
<0.25
<0.33
MODE_2
>0.18
>0.25
>0.33
MODE_3
>0.9
>1.25
>1.65
MODE_4
>1.62
>2.25
>2.97
1 Note that the supply rail for the LED_0 pin is AVDD_3P3 rather than VDDIO.
Therefore, pull up any pull-up on the LED_0 pin to AVDD_3P3.
The large resistor values recommended in Table 21 were chosen to
minimize power consumption from the resistor ladder. Smaller value
resistors can also be used, but the user must maintain the same
resistor ratios for the values used.
When arranging hardware strapping, review how the MAC interface
pins default (whether internal pull-ups or pull-downs exist) on devi-
ces connected to the ADIN1300 to ensure they are not conflicting
with desired strapping configuration.
HARDWARE CONFIGURATION PIN
FUNCTIONS
The following functions are configurable from the ADIN1300 hard-
ware pins (see Table 23 for pin details):
►
PHY address
►
Forced/advertised PHY speed
►
Software power-down mode after reset
►
Downspeed enable
►
Energy detect power-down mode
►
EEE enable
►
Auto MDIX
►
MAC interface selection (RGMII/RMII/MII)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com